Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 30Page - STMicroelectronics L6482 Datasheet HTML 31Page - STMicroelectronics L6482 Datasheet HTML 32Page - STMicroelectronics L6482 Datasheet HTML 33Page - STMicroelectronics L6482 Datasheet HTML 34Page - STMicroelectronics L6482 Datasheet HTML 35Page - STMicroelectronics L6482 Datasheet HTML 36Page - STMicroelectronics L6482 Datasheet HTML 37Page - STMicroelectronics L6482 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Functional description
L6482
34/73
Doc ID 023768 Rev 2
6.19
BUSY/SYNC pin
This pin is an open drain output which can be used as busy flag or synchronization signal
according to the SYNC_EN bit value (STEP_MODE register) (see Section 9.1.17).
6.20
FLAG pin
By default, an internal open drain transistor pulls the FLAG pin to ground when at least one
of the following conditions occurs:
●
Power-up or standby/reset exit
●
Overcurrent detection
●
Thermal warning
●
Thermal shutdown
●
UVLO
●
UVLO on ADC input
●
Switch turn-on event
●
Command error.
It is possible to mask one or more alarm conditions by programming the ALARM_EN
register (see Section 9.1.17 Table 26). If the corresponding bit of the ALARM_EN register is
low, the alarm condition is masked and it does not cause a FLAG pin transition; all other
actions imposed by alarm conditions are performed anyway. In case of daisy chain
configuration, FLAG pins of different ICs can be OR-wired to save host controller GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com