Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 44Page - STMicroelectronics L6482 Datasheet HTML 45Page - STMicroelectronics L6482 Datasheet HTML 46Page - STMicroelectronics L6482 Datasheet HTML 47Page - STMicroelectronics L6482 Datasheet HTML 48Page - STMicroelectronics L6482 Datasheet HTML 49Page - STMicroelectronics L6482 Datasheet HTML 50Page - STMicroelectronics L6482 Datasheet HTML 51Page - STMicroelectronics L6482 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Programming manual
L6482
48/73
Doc ID 023768 Rev 2
9.1.11
T_FAST
The T_FAST register contains the maximum fast decay time (TOFF_FAST) and the
maximum fall step time (FALL_STEP) used by the current control system (Section 7.2 and
Section 7.3 for details):
The available range for both parameters is from 2 µs to 32 µs.
Any attempt to write to the register when the motor is running causes the command to be
ignored and NOTPERF_CMD to rise (Section 9.1.21).
9.1.12
TON_MIN
This parameter is used by the current control system when current mode operation is
selected.
The TON_MIN register contains the minimum on-time value used by the current control
system (see Section 7.2).
The available range for both parameters is from 0.5 µs to 64 µs.
Table 15.
Torque regulation by TVAL_HOLD, TVAL_ACC, TVAL_DEC and
TVAL_RUN registers
TVAL_X [6..0]
Peak reference voltage
00000
00
7.8 mV
00000
01
15.6 mV
11111
10
992.2 mV
11111
11
1 V
Table 16.
FS_SPD register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TOFF_FAST
FAST_STEP
Table 17.
Maximum fast decay times
TOFF_FAST [3..0] FAST_STEP[3..0]
Fast decay time
0
0
0
0
2 µs
0
0
0
1
4 µs
1
1
1
0
28 µs
1
1
1
1
32 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com