Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 41Page - Analog Devices ADV7180WBSTZ Datasheet HTML 42Page - Analog Devices ADV7180WBSTZ Datasheet HTML 43Page - Analog Devices ADV7180WBSTZ Datasheet HTML 44Page - Analog Devices ADV7180WBSTZ Datasheet HTML 45Page - Analog Devices ADV7180WBSTZ Datasheet HTML 46Page - Analog Devices ADV7180WBSTZ Datasheet HTML 47Page - Analog Devices ADV7180WBSTZ Datasheet HTML 48Page - Analog Devices ADV7180WBSTZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 45 of 120
BL_C_VBI, Blank Chroma During VBI, Address 0x04[2]
Setting BL_C_VBI high blanks the Cr and Cb values of all VBI
lines. This is done so any data that may arrive during VBI is not
decoded as color and is output through Cr and Cb. As a result,
it is possible to send VBI lines into the decoder and then output
them through an encoder again, undistorted. Without this
blanking, any color that is incorrectly decoded would be encoded
by the video encoder, thus distorting the VBI lines.
Setting BL_C_VBI to 0 decodes and outputs color during VBI.
Setting BL_C_VBI to 1 (default) blanks Cr and Cb values
during VBI.
Range, Range Selection, Address 0x04[0]
AV codes (as per ITU-R BT.656, formerly known as CCIR-656)
consist of a fixed header made up of 0xFF and 0x00 values.
These two values are reserved and, therefore, are not to be used
for active video. Additionally, the ITU specifies that the nominal
range for video should be restricted to values between 16 and
235 for luma and 16 and 240 for chroma.
The range bit allows the user to limit the range of values output
by the ADV7180 to the recommended value range. The
ADV7180 does not scale the data to fit within the smaller range.
Any value outside of the range is ignored. In any case, it ensures
that the reserved values of 255d (0xFF) and 00d (0x00) are not
presented on the output pins unless they are part of an AV code
header.
Table 61. RANGE Function
Range
Description
0
16 ≤ Y ≤ 235, 16 ≤ C/P ≤ 240
1 (default)
1 ≤ Y ≤ 254, 1 ≤ C/P ≤ 254
AUTO_PDC_EN, Automatic Programmed Delay Control,
Address 0x27[6]
Enabling AUTO_PDC_EN activates a function within the
ADV7180 that automatically programs the LTA[1:0] and CTA[2:0]
registers to have the chroma and luma data match delays for all
modes of operation. If AUTO_PDC__EN is set, the LTA[1:0]
and CTA[2:0] manual registers are not used. If the automatic
mode is disabled (by setting the AUTO_PDC_EN bit to 0), the
values programmed into the LTA[1:0] and CTA[2:0] registers
become active.
When AUTO_PDC_EN is 0, the ADV7180 uses the LTA[1:0] and
CTA[2:0] values for delaying luma and chroma samples. See the
LTA[1:0], Luma Timing Adjust, Address 0x27[1:0] section and
the CTA[2:0], Chroma Timing Adjust, Address 0x27[5:3]
section.
When AUTO_PDC_EN is 1 (default), the ADV7180 automatically
determines the LTA and CTA values to have luma and chroma
aligned at the output.
LTA[1:0], Luma Timing Adjust, Address 0x27[1:0]
The luma timing adjust register allows the user to specify a
timing difference between chroma and luma samples.
There is a functionality overlap with the CTA[2:0] register. For
manual programming, use the following defaults:
•
CVBS input LTA[1:0] = 00
•
Y/C input LTA[1:0] = 01
•
YPrPb input LTA[1:0] = 01
Table 62. LTA Function
LTA[1:0]
Description
00 (default)
No delay
01
Luma 1 clock (37 ns) late
10
Luma 2 clock (74 ns) early
11
Luma 1 clock (37 ns) early
CTA[2:0], Chroma Timing Adjust, Address 0x27[5:3]
The chroma timing adjust register allows the user to specify a
timing difference between chroma and luma samples. This can
be used to compensate for external filter group delay differences
in the luma vs. chroma path and to allow a different number of
pipeline delays while processing the video downstream. Review
this functionality together with the LTA[1:0] register.
The chroma can be delayed or advanced only in chroma pixel
steps. One chroma pixel step is equal to two luma pixels. The
programmable delay occurs after demodulation, where delay
cannot be made by luma pixel steps.
For manual programming, use the following defaults:
•
CVBS input CTA[2:0] = 011
•
Y/C input CTA[2:0] = 101
•
YPrPb input CTA[2:0] = 110
Table 63. CTA Function
CTA[2:0]
Description
000
Not a valid setting
001
Chroma + two pixels (early)
010
Chroma + one pixel (early)
011 (default)
No delay
100
Chroma − one pixel (late)
101
Chroma − two pixels (late)
110
Chroma − three pixels (late)
111
Not a valid setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com