Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 10Page - Analog Devices ADV7180WBSTZ Datasheet HTML 11Page - Analog Devices ADV7180WBSTZ Datasheet HTML 12Page - Analog Devices ADV7180WBSTZ Datasheet HTML 13Page - Analog Devices ADV7180WBSTZ Datasheet HTML 14Page - Analog Devices ADV7180WBSTZ Datasheet HTML 15Page - Analog Devices ADV7180WBSTZ Datasheet HTML 16Page - Analog Devices ADV7180WBSTZ Datasheet HTML 17Page - Analog Devices ADV7180WBSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 14 of 120
40-LEAD LFCSP
PIN 1
INDICATOR
1
DVDDIO
2
SFL
3
DGND
4
DVDDIO
5
P7
6
P6
7
P5
8
P4
9
P3
10
P2
23
AIN1
24
AGND
25
VREFP
26
VREFN
27
AVDD
28
AGND
29
AIN2
30
AIN3
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GND.
22
TEST_0
21
AGND
LFCSP
TOP VIEW
(Not to Scale)
ADV7180
Figure 9. 40-Lead LFCSP Pin Configuration
Table 10. 40-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 4
DVDDIO
P
Digital I/O Supply Voltage (1.8 V to 3.3 V).
2
SFL
O
Subcarrier Frequency Lock. This pin contains a serial output stream that can be used to lock the
subcarrier frequency when this decoder is connected to any Analog Devices digital video encoder.
3, 15, 35, 40
DGND
G
Ground for Digital Supply.
5 to 10, 16, 17
P7 to P2, P1, P0
O
Video Pixel Output Port.
11
LLC
O
Line-Locked Output Clock for the Output Pixel Data. Nominally 27 MHz but varies up or
down according to video line length.
12
XTAL1
O
This pin should be connected to the 28.6363 MHz crystal or not connected if an external 1.8 V,
28.6363 MHz clock oscillator source is used to clock the ADV7180. In crystal mode, the crystal
must be a fundamental crystal.
13
XTAL
I
Input Pin for the 28.6363 MHz Crystal. This pin can be overdriven by an external 1.8 V,
28.6363 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.
14, 36
DVDD
P
Digital Supply Voltage (1.8 V).
18
PWRDWN
I
A logic low on this pin places the ADV7180 into power-down mode.
19
ELPF
I
The recommended external loop filter must be connected to this ELPF pin, as shown in Figure 55.
20
PVDD
P
PLL Supply Voltage (1.8 V).
21, 24, 28
AGND
G
Ground for Analog Supply.
22
TEST_0
I
This pin must be tied to DGND.
23, 29, 30
AIN1 to AIN3
I
Analog Video Input Channels.
25
VREFP
O
Internal Voltage Reference Output. See Figure 55 for recommended output circuitry.
26
VREFN
O
Internal Voltage Reference Output. See Figure 55 for recommended output circuitry.
27
AVDD
P
Analog Supply Voltage (1.8 V).
31
RESET
I
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7180 circuitry.
32
ALSB
I
This pin selects the I2C address for the ADV7180. For ALSB set to Logic 0, the address selected
for a write is 0x40; for ALSB set to Logic 1, the address selected is 0x42.
33
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
34
SCLK
I
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
37
VS/FIELD
O
Vertical Synchronization Output Signal/Field Synchronization Output Signal.
38
INTRQ
O
Interrupt Request Output. Interrupt occurs when certain signals are detected on the input video
(see Table 108).
39
HS
O
Horizontal Synchronization Output Signal.
EPAD (EP)
The exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com