Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 98 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 98 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices ADV7180WBSTZ Datasheet HTML 99Page - Analog Devices ADV7180WBSTZ Datasheet HTML 100Page - Analog Devices ADV7180WBSTZ Datasheet HTML 101Page - Analog Devices ADV7180WBSTZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 98 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0xF4
Drive strength
DR_STR_S[1:0]; selects
the drive strength for
the sync output signals
0
0
Low drive strength (1×)
0
1
Medium low drive strength (2×)
1
0
Medium high drive strength (3×)
1
1
High drive strength (4×)
DR_STR_C[1:0]; selects
the drive strength for
the clock output signal
0
0
Low drive strength (1×)
0
1
Medium low drive strength (2×)
1
0
Medium high drive strength (3×)
1
1
High drive strength (4×)
DR_STR[1:0]; selects the
drive strength for the data
output signals; can be
increased or decreased for
EMC or crosstalk reasons
0
0
Low drive strength (1×)
0
1
Medium low drive strength (2×)
1
0
Medium high drive strength (3×)
1
1
High drive strength (4×)
Reserved
x
x
0xF8
IF comp
control
IFFILTSEL[2:0]; IF filter
selection for PAL and
NTSC
0
0
0
Bypass mode
0 dB
2 MHz
5 MHz
NTSC filters
0
0
1
−3 dB
−2 dB
0
1
0
−6 dB
+3.5 dB
0
1
1
−10 dB
+5 dB
1
0
0
Reserved
3 MHz
6 MHz
PAL filters
1
0
1
−2 dB
+2 dB
1
1
0
−5 dB
+3 dB
1
1
1
−7 dB
+5 dB
Reserved
0
0
0
0
0
0xF9
VS mode
control
EXTEND_VS_MAX_FREQ
0
Limits maximum VSYNC frequency to
66.25 Hz (475 lines/frame)
1
Limits maximum VSYNC frequency to
70.09 Hz (449 lines/frame)
EXTEND_VS_MIN_FREQ
0
Limits minimum VSYNC frequency to
42.75 Hz (731 lines/frame)
1
Limits minimum VSYNC frequency to
39.51 Hz (791 lines/frame)
VS_COAST_MODE[1:0]
0
0
Autocoast mode
This value sets up
the output coast
frequency
0
1
50 Hz coast mode
1
0
60 Hz coast mode
1
1
Reserved
Reserved
0
0
0
0
0xFB
Peaking control
PEAKING_GAIN[7:0]
0
1
0
0
0
0
0
0
Increases/decreases the gain for high
frequency portions of the video signal
0xFC
Coring
threshold
DNR_TH2[7:0]
0
0
0
0
0
1
0
0
Specifies the maximum edge that is
interpreted as noise and therefore
blanked
1
Shading indicates default values.
2
x indicates a bit that keeps the last written value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com