Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 96 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 96 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices ADV7180WBSTZ Datasheet HTML 99Page - Analog Devices ADV7180WBSTZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 96 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0xE6
NTSC V bit end
NVEND[4:0]; number of
lines after lCOUNT rollover
to set V low
0
0
1
0
0
NTSC default (ITU-R BT.656)
NVENDSIGN
0
Set to low when manual programming
1
Not suitable for user programming
NVENDDELE; delay V bit
going low by one line
relative to NVEND (even
field)
0
No delay
1
Additional delay by one line
NVENDDELO; delay V bit
going low by one line
relative to NVEND (odd
field)
0
No delay
1
Additional delay by one line
0xE7
NTSC F bit
toggle
NFTOG[4:0]; number of
lines after lCOUNT rollover to
toggle F signal
0
0
0
1
1
NTSC default
NFTOGSIGN
0
Set to low when manual programming
1
Not suitable for user programming
NFTOGDELE; delay
F transition by one line
relative to NFTOG (even
field)
0
No delay
1
Additional delay by one line
NFTOGDELO; delay
F transition by one line
relative to NFTOG
(odd field)
0
No delay
1
Additional delay by one line
0xE8
PAL V bit begin
PVBEG[4:0]; number of
lines after lCOUNT rollover
to set V high
0
0
1
0
1
PAL default (ITU-R BT.656)
PVBEGSIGN
0
Set to low when manual programming
1
Not suitable for user programming
PVBEGDELE; delay V bit
going high by one line
relative to PVBEG (even
field)
0
No delay
1
Additional delay by one line
PVBEGDELO; delay V bit
going high by one line
relative to PVBEG (odd
field)
0
No delay
1
Additional delay by one line
0xE9
PAL V bit end
PVEND[4:0]; number of
lines after lCOUNT rollover
to set V low.
1
0
1
0
0
PAL default (ITU-R BT.656)
PVENDSIGN
0
Set to low when manual programming
1
Not suitable for user programming
PVENDDELE; delay V bit
going low by one line
relative to PVEND (even
field)
0
No delay
1
Additional delay by one line
PVENDDELO; delay V bit
going low by one line
relative to PVEND (odd
field)
0
No delay
1
Additional delay by one line
0xEA
PAL F bit toggle
PFTOG[4:0]; number of
lines after lCOUNT rollover
to toggle F signal
0
0
0
1
1
PAL default (ITU-R BT.656)
PFTOGSIGN
0
Set to low when manual programming
1
Not suitable for user programming
PFTOGDELE; delay
F transition by one line
relative to PFTOG
(even field)
0
No delay
1
Additional delay by one line
PFTOGDELO; delay
F transition by one line
relative to PFTOG
(odd field)
0
No delay
1
Additional delay by one line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com