Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 60 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 56Page - Analog Devices ADV7180WBSTZ Datasheet HTML 57Page - Analog Devices ADV7180WBSTZ Datasheet HTML 58Page - Analog Devices ADV7180WBSTZ Datasheet HTML 59Page - Analog Devices ADV7180WBSTZ Datasheet HTML 60Page - Analog Devices ADV7180WBSTZ Datasheet HTML 61Page - Analog Devices ADV7180WBSTZ Datasheet HTML 62Page - Analog Devices ADV7180WBSTZ Datasheet HTML 63Page - Analog Devices ADV7180WBSTZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 60 of 120
I2C Interface
Dedicated I2C readback registers are available for CCAP, CGMS,
WSS, Gemstar, VPS, PDC/UTC, and VITC. Because teletext is a
high data rate standard, data extraction is supported only through
the ancillary data packet.
User Interface for I2C Readback Registers
The VDP decodes all enabled VBI data standards in real time.
Because the I2C access speed is much lower than the decoded
rate, when the registers are accessed, they may be updated with
data from the next line. To avoid this, VDP has a self-clearing
clear bit and an available (AVL) status bit accompanying all I2C
readback registers.
The user must clear the I2C readback register by writing a high to
the clear bit. This resets the state of the available bit to low and
indicates that the data in the associated readback registers is not
valid. After the VDP decodes the next line of the corresponding
VBI data, the decoded data is placed into the I2C readback
register and the available bit is set to high to indicate that valid
data is now available.
Though the VDP decodes this VBI data in subsequent lines if
present, the decoded data is not updated to the readback registers
until the clear bit is set high again. However, this data is
available through the 656 ancillary data packets.
The clear and available bits are in the VDP_STATUS_CLEAR
(0x78, user sub map, write only) and VDP_STATUS (0x78, user
sub map, read only) registers, respectively.
Example I2C Readback Procedure
The following tasks must be performed to read one packet
(line) of PDC data from the decoder:
1. Write 10 to I2C_GS_VPS_PDC_UTC[1:0] (0x9C, user sub
map) to specify that PDC data must be updated to I2C
registers.
2. Write high to the GS_PDC_VPS_UTC_CLEAR bit (0x78,
user sub map) to enable I2C register updating.
3. Poll the GS_PDC_VPS_UTC_AVL bit (0x78, user sub
map) going high to check the availability of the PDC
packets.
4. Read the data bytes from the PDC I2C registers. Repeat
Step 1 to Step 3 to read another line or packet of data.
To read a packet of CCAP, CGMS, or WSS data, Step 1 to Step 3
are required only because they have dedicated registers.
VDP—Content-Based Data Update
For certain standards, such as WSS, CGMS, Gemstar, PDC, UTC,
and VPS, the information content in the signal transmitted remains
the same over numerous lines, and the user may want to be notified
only when there is a change in the information content or loss of
the information content. The user must enable content-based
updating for the required standard through the GS_VPS_PDC_
UTC_CB_CHANGE and WSS_CGMS_CB_CHANGE bits.
Therefore, the available bit shows the availability of that
standard only when its content has changed.
Content-based updating also applies to lines with lost data.
Therefore, for standards like VPS, Gemstar, CGMS, and WSS, if no
data arrives in the next four lines programmed, the corresponding
available bit in the VDP_STATUS register is set high and the
content in the I2C registers for that standard is set to 0. The user
must write high to the corresponding clear bit so that when a
valid line is decoded after some time, the decoded results are
available in the I2C registers, with the available status bit set high.
If content-based updating is enabled, the available bit is set high
(assuming the clear bit was written) in the following cases:
•
The data contents have changed.
•
Data was being decoded and four lines with no data have
been detected.
•
No data was being decoded and new data is now being
decoded.
GS_VPS_PDC_UTC_CB_CHANGE, Enable Content-
Based Updating for Gemstar/VPS/PDC/UTC,
Address 0x9C[5], User Sub Map
Setting GS_VPS_PDC_UTC_CB_CHANGE to 0 disables
content-based updating.
Setting GS_VPS_PDC_UTC_CB_CHANGE to 1 (default)
enables content-based updating.
WSS_CGMS_CB_CHANGE, Enable Content-Based
Updating for WSS/CGMS, Address 0x9C[4],
User Sub Map
Setting WSS_CGMS_CB_CHANGE to 0 disables content-based
updating.
Setting WSS_CGMS_CB_CHANGE to 1 (default) enables
content-based updating.
VDP—Interrupt-Based Reading of VDP I2C Registers
Some VDP status bits are also linked to the interrupt request
controller so that the user does not have to poll the available status
bit. The user can configure the video decoder to trigger an
interrupt request on the INTRQ pin in response to the valid
data available in the I2C registers. This function is available for
the following data types:
•
CGMS or WSS. The user can select either triggering an
interrupt request each time sliced data is available or
triggering an interrupt request only when the sliced data
has changed. Selection is made via the WSS_CGMS_CB_
CHANGE bit.
•
Gemstar, PDC, VPS, or UTC. The user can select to trigger
an interrupt request each time sliced data is available or to
trigger an interrupt request only when the sliced data has
changed. Selection is made via the GS_VPS_PDC_UTC_
CB_CHANGE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com