Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 13Page - Analog Devices ADV7180WBSTZ Datasheet HTML 14Page - Analog Devices ADV7180WBSTZ Datasheet HTML 15Page - Analog Devices ADV7180WBSTZ Datasheet HTML 16Page - Analog Devices ADV7180WBSTZ Datasheet HTML 17Page - Analog Devices ADV7180WBSTZ Datasheet HTML 18Page - Analog Devices ADV7180WBSTZ Datasheet HTML 19Page - Analog Devices ADV7180WBSTZ Datasheet HTML 20Page - Analog Devices ADV7180WBSTZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 17 of 120
48-LEAD LQFP
48 47 46 45 44 43 42
41 40 39
38 37
35
AIN5
34
AIN4
33
AIN3
30
VFEFN
31
AVDD
32
AGND
36
AIN6
29
VREFP
28
AGND
27
AIN2
25
PVDD
26
AIN1
2
DVDDIO
3
SFL
4
DVDDIO
7
P7
6
GPO0
5
GPO1
1
DGND
8
P6
9
P5
10
P4
12
P2
11
P3
NC = NO CONNECT
13 14 15 16 17 18 19 20 21 22 23 24
PIN 1
ADV7180
LQFP
TOP VIEW
(Not to Scale)
Figure 11. 48-Lead LQFP Pin Configuration
Table 12. 48-Lead LQFP Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 13, 19, 43
DGND
G
Digital Ground.
2, 4
DVDDIO
P
Digital I/O Supply Voltage (1.8V to 3.3 V).
3
SFL
O
Subcarrier Frequency Lock. This pin contains a serial output stream that can be used to lock the
subcarrier frequency when this decoder is connected to any Analog Devices digital video encoder.
5, 6, 41, 42
GPO0 to GPO3
O
General-Purpose Outputs. These pins can be configured via I2C to allow control of external devices.
7 to 12, 20, 22
P7 to P2, P1, P0
O
Video Pixel Output Port. See Table 100 for output configuration for 8-bit and 16-bit modes.
14
LLC
O
This is a line-locked output clock for the pixel data output by the ADV7180. It is nominally
27 MHz but varies up or down according to video line length.
15, 48
NC
No Connect Pins. These pins are not connected internally.
16
XTAL1
O
This pin should be connected to the 28.6363 MHz crystal or left as a no connect if an external 1.8 V,
28.6363 MHz clock oscillator source is used to clock the ADV7180. In crystal mode, the crystal
must be a fundamental crystal.
17
XTAL
I
This is the input pin for the 28.6363 MHz crystal, or this pin can be overdriven by an external 1.8 V,
28.6363 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.
18, 44
DVDD
P
Digital Supply Voltage (1.8 V).
21
PWRDWN
I
A logic low on this pin places the ADV7180 in power-down mode.
23, 28, 32
AGND
G
Analog Ground.
24
ELPF
I
The recommended external loop filter must be connected to the ELPF pin, as shown in Figure 57.
25
PVDD
P
PLL Supply Voltage (1.8 V).
26, 27, 33 to 36
AIN1 to AIN6
I
Analog Video Input Channels.
29
VREFP
O
Internal Voltage Reference Output. See Figure 57 for recommended output circuitry.
30
VREFN
O
Internal Voltage Reference Output. See Figure 57 for recommended output circuitry.
31
AVDD
P
Analog Supply Voltage (1.8 V).
37
RESET
I
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to reset
the ADV7180 circuitry.
38
ALSB
I
This pin selects the I2C address for the ADV7180. For ALSB set to Logic 0, the address selected
for a write is 0x40; for ALSB set to Logic 1, the address selected is 0x42.
39
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
40
SCLK
I
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
45
VS/FIELD
O
Vertical Synchronization Output Signal/Field Synchronization Output Signal.
46
INTRQ
O
Interrupt Request Output. Interrupt occurs when certain signals are detected on the input video
(see Table 108).
47
HS
O
Horizontal Synchronization Output Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com