Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 16Page - Analog Devices ADV7180WBSTZ Datasheet HTML 17Page - Analog Devices ADV7180WBSTZ Datasheet HTML 18Page - Analog Devices ADV7180WBSTZ Datasheet HTML 19Page - Analog Devices ADV7180WBSTZ Datasheet HTML 20Page - Analog Devices ADV7180WBSTZ Datasheet HTML 21Page - Analog Devices ADV7180WBSTZ Datasheet HTML 22Page - Analog Devices ADV7180WBSTZ Datasheet HTML 23Page - Analog Devices ADV7180WBSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 20 of 120
POWER-ON RESET
After power-up, it is necessary to execute a reset operation. For
correct operation, RESET should remain asserted/pulled low for
5 ms after power supplies are stable and within specification
and PWRDWN (not available in 32-lead LFCSP) is deasserted/
pulled high.
ANALOG INPUT MUXING
The ADV7180 has an integrated analog muxing section that
allows more than one source of video signal to be connected to
the decoder. Figure 12 and Figure 13 outline the overall structure of
the input muxing provided in the ADV7180.
A maximum of six CVBS inputs can be connected to and
decoded by the 64-lead and 48-lead devices, and a maximum of
three CVBS inputs can be connected to and decoded by the 40-lead
and 32-lead LFCSP devices. As shown in the Pin Configurations
and Function Description section, these analog input pins lie in
close proximity to one another, which requires careful design of
the printed circuit board (PCB) layout. For example, ground
shielding between all signals should be routed through tracks that are
physically close together. It is strongly recommended to connect
any unused analog input pins to AGND to act as a shield.
MAN_MUX_EN, Manual Input Muxing Enable,
Address 0xC4[7]
To configure the ADV7180 analog muxing section, the user
must select the analog input (AIN1 to AIN6 for the 64-lead LQFP
and 48-lead devices or AIN1 to AIN3 for the 40-lead and 32-lead
LFCSP devices) that is to be processed by the ADC. MAN_MUX_
EN must be set to 1 to enable the following muxing blocks:
•
MUX0[2:0], ADC Mux Configuration, Address 0xC3[2:0]
•
MUX1[2:0], ADC Mux Configuration, Address 0xC3[6:4]
•
MUX2[2:0], ADC Mux Configuration, Address 0xC4[2:0]
The three mux sections are controlled by the signal buses MUX0/
MUX1/MUX2[2:0]. Table 15 explains the control words used.
The input signal that contains the timing information (HS and VS)
must be processed by MUX0. For example, in a Y/C input
configuration, MUX0 should be connected to the Y channel
and MUX1 to the C channel. When one or more muxes are not
used to process video, such as the CVBS input, the idle mux and
associated channel clamps and buffers should be powered down
(see the description of Register 0x3A in Table 107).
Table 15. Manual Mux Settings for the ADC (MAN_MUX_EN Must be Set to 1)
ADC Connected To
ADC Connected To
ADC Connected To
MUX0[2:0]
LQFP-64 or
LQFP-48
LFCSP-40 or
LFCSP-32
MUX1[2:0]
LQFP-64 or
LQFP-48
LFCSP-40 or
LFCSP-32
MUX2[2:0]
LQFP-64 or
LQFP-48
LFCSP-40 or
LFCSP-32
000
No connect
No connect
000
No connect
No connect
000
No connect
No connect
001
AIN1
AIN1
001
No connect
No connect
001
No connect
No connect
010
AIN2
No connect
010
No connect
No connect
010
AIN2
No connect
011
AIN3
No connect
011
AIN3
No connect
011
No connect
No connect
100
AIN4
AIN2
100
AIN4
AIN2
100
No connect
No connect
101
AIN5
AIN3
101
AIN5
AIN3
101
AIN5
AIN3
110
AIN6
No connect
110
AIN6
No connect
110
AIN6
No connect
111
No connect
No connect
111
No connect
No connect
111
No connect
No connect
Note the following:
•
CVBS can only be processed by MUX0.
•
Y/C can only be processed by MUX0 and MUX1.
•
YPrPb can only be processed by MUX0, MUX1, and MUX2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com