Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180WBSTZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 55Page - Analog Devices ADV7180WBSTZ Datasheet HTML 56Page - Analog Devices ADV7180WBSTZ Datasheet HTML 57Page - Analog Devices ADV7180WBSTZ Datasheet HTML 58Page - Analog Devices ADV7180WBSTZ Datasheet HTML 59Page - Analog Devices ADV7180WBSTZ Datasheet HTML 60Page - Analog Devices ADV7180WBSTZ Datasheet HTML 61Page - Analog Devices ADV7180WBSTZ Datasheet HTML 62Page - Analog Devices ADV7180WBSTZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 59 of 120
Data Bytes
VBI_WORD_4 to VBI_WORD_N + 3 contain the data-words
that were decoded by the VDP in the transmission order. The
position of bits in bytes is in the inverse transmission order.
For example, closed captioning has two user data bytes, as
shown in Table 82.
The data bytes in the ancillary data stream are as follows:
VBI_WORD_4 = Byte 1[7:0]
VBI_WORD_5 = Byte 2[7:0]
The number of VBI_WORDS for each VBI data standard and
the total number of UDWs in the ancillary data stream is shown
in Table 78.
Table 77. Framing Code Sequence for Different VBI Standards
VBI Standard
Length in Bits
Error-Free Framing Code Bits
(in Order of Transmission)
Error-Free Framing Code Reported by
VDP (in Reverse Order of Transmission)
TTXT_SYSTEM_A (PAL)
8
11100111
11100111
TTXT_SYSTEM_B (PAL)
8
11100100
00100111
TTXT_SYSTEM_B (NTSC)
8
11100100
00100111
TTXT_SYSTEM_C (PAL and NTSC)
8
11100111
11100111
TTXT_SYSTEM_D (PAL and NTSC)
8
11100101
10100111
VPS (PAL)
16
10001010100011001
1001100101010001
VITC (NTSC and PAL)
1
0
0
WSS (PAL)
24
000111100011110000011111
111110000011110001111000
GEMSTAR_1× (NTSC)
3
001
100
GEMSTAR_2× (NTSC)
11
1001_1011_101
101_1101_1001
CCAP (NTSC and PAL)
3
001
100
CGMS (NTSC)
1
0
0
Table 78. Total User Data-Words for Different VBI Standards1
VBI Standard
ADF Mode
Framing Code UDWs
VBI Data-Words
No. of Padding Words Total UDWs
TTXT_SYSTEM_A (PAL)
00 (nibble mode)
6
74
0
84
01, 10 (byte mode)
3
37
0
44
TTXT_SYSTEM_B (PAL)
00 (nibble mode)
6
84
2
96
01, 10 (byte mode)
3
42
3
52
TTXT_SYSTEM_B (NTSC)
00 (nibble mode)
6
68
2
80
01, 10 (byte mode)
3
34
3
44
TTXT_SYSTEM_C (PAL and NTSC)
00 (nibble mode)
6
66
0
76
01, 10 (byte mode)
3
33
2
42
TTXT_SYSTEM_D (PAL and NTSC)
00 (nibble mode)
6
68
2
80
01, 10 (byte mode)
3
34
3
44
VPS (PAL)
00 (nibble mode)
6
26
0
36
01, 10 (byte mode)
3
13
0
20
VITC (NTSC and PAL)
00 (nibble mode)
6
18
0
28
01, 10 (byte mode)
3
9
0
16
WSS (PAL)
00 (nibble mode)
6
4
2
16
01, 10 (byte mode)
3
2
3
12
GEMSTAR_1× (NTSC)
00 (nibble mode)
6
4
2
16
01, 10 (byte mode)
3
2
3
12
GEMSTAR_2× (NTSC)
00 (nibble mode)
6
8
2
20
01, 10 (byte mode)
3
4
1
12
CCAP (NTSC and PAL)
00 (nibble mode)
6
4
2
16
01, 10 (byte mode)
3
2
3
12
CGMS (NTSC)
00 (nibble mode)
6
6
0
16
01, 10 (byte mode)
3
3 + 3
2
12
1
The first four UDWs are always the ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com