Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8241EC Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
24
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 14 provides the AC test load for the MPC8241.
Figure 14. AC Test Load for the MPC8241
14b
sys_logic_clk to output high impedance (for all others)
—
4.0
ns
2
Notes:
1. All PCI signals are measured from GVDD_OVDD/2 of the rising edge of PCI_SYNC_IN to 0.285 × GVDD_OVDD or 0.615 ×
GVDD_OVDD of the signal in question for 3.3 V PCI signaling levels. See Figure 12.
2. All memory and related interface output signal specifications are specified from the VM = 1.4 V of the rising edge of the
memory bus clock, sys_logic_clk to the TTL level (0.8 or 2.0 V) of the signal in question. sys_logic_clk is the same as
PCI_SYNC_IN in 1:1 mode, but is twice the frequency in 2:1 mode (processor/memory bus clock rising edges occur on every
rising and falling edge of PCI_SYNC_IN). See Figure 11.
3. PCI bused signals are composed of the following signals: LOCK, IRDY, C/BE[3:0], PAR, TRDY, FRAME, STOP, DEVSEL,
PERR, SERR, AD[31:0], REQ[4:0], GNT[4:0], IDSEL, and INTA.
4. To meet minimum output hold specifications relative to PCI_SYNC_IN for both 33- and 66-MHz PCI systems, the MPC8241
has a programmable output hold delay for PCI signals (the PCI_SYNC_IN to output valid timing is also affected). The initial
value of the output hold delay is determined by the values on the MCP and CKE reset configuration signals; the values on
these two signals are inverted and subsequently stored as the initial settings of PCI_HOLD_DEL = PMCR2[5, 4] (power
management configuration register 2 <0x72>), respectively. Because MCP and CKE have internal pull-up resistors, the
default value of PCI_HOLD_DEL after reset is 0b00. Additional output hold delay values are available by programming the
PCI_HOLD_DEL value of the PMCR2 configuration register. See Figure 15 for PCI_HOLD_DEL effect on output valid and
hold time.
Table 11. Output AC Timing Specifications (continued)
Num
Characteristic
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
GVDD_OVDD/2 for
RL = 50 Ω
Output Measurements are Made at the Device Pin
PCI or Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com