Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8241EC Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
32
Freescale Semiconductor
Package Description
5.2
Pin Assignments and Package Dimensions
Figure 24 shows the top surface, side profile, and pinout of the MPC8241, 357 PBGA ZP package. Note
that this is available for Rev. B parts only.
Figure 24. MPC8241 Package Dimensions and Pinout Assignments (ZP Package)
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SIDE VIEW
BOTTOM VIEW
18X
4X
357X
b
TOP VIEW
A2
A3
e
0.30 M C
D
A
A1
D2
0.15 M C
E
E2
0.20 C
A
B
0.2
D1
E1
AB
0.25 C
0.35 C
C
NOTES:
1.
DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2.
DIMENSIONS IN MILLIMETERS.
3.
DIMENSION b IS THE MAXIMUM SOLDER
BALL DIAMETER MEASURED PARALLEL TO
DATUM C.
DIM
MIN
MAX
MILLIMETERS
A
---
2.05
A1
0.50
0.70
A2
0.95
1.35
A3
0.70
0.90
b
0.60
0.90
D
25.00 BSC
D1
22.86 BSC
D2 22.40
22.60
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2 22.40
22.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com