Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8241EC Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
47
System Design Information
7.7
Thermal Management
This section provides thermal management information for the plastic ball grid array (PBGA) package for
air-cooled applications. Depending on the application environment and the operating frequency, a heat
sink may be required to maintain junction temperature within specifications. Proper thermal control design
primarily depends on the system-level design: heat sink, airflow, and thermal interface material. To reduce
the die-junction temperature, heat sinks can be attached to the package by several methods: adhesive,
spring clip to holes in the printed-circuit board or package, or mounting clip and screw assembly (see
Figure 28).
Figure 28. Package Exploded Cross-Sectional View with Several Heat Sink Options
Figure 29 depicts the die junction-to-ambient thermal resistance for four typical cases:
•
A heat sink is not attached to the PBGA package and a high board-level thermal loading from
adjacent components exists (label used—1s).
•
A heat sink is not attached to the PBGA package and a low board-level thermal loading from
adjacent components exists (label used—2s2p).
•
A large heat sink (cross cut extrusion, 38
× 38 × 16.5 mm) is attached to the PBGA package and a
high board-level thermal loading from adjacent components exists (label used—1s/sink).
•
A large heat sink (cross cut extrusion, 38
× 38 × 16.5 mm) is attached to the PBGA package and a
low board-level thermal loading from adjacent components exists (label used—2s2p/sink).
Adhesive or
Thermal Interface
Heat Sink
PBGA Package
Heat Sink
Clip
Printed-Circuit Board
Option
Material
Die
Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com