Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8241EC Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 58Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
55
Document Revision History
8
12/19/2005
Document—Imported new template and made minor editoral corrections.
Section 4.3.1—Before Figure 7, added paragraph for using DLL mode that provides lowest locked
tap point read in 0xE3.
Section 4.3.2—After Figure 12, added a sentence to introduce Figure 13.
Section 4.3.3—After Table 11, added a sentence to introduce Figure 14.
Section 4.3.4—After Table 13, added to the sentence to introduce Figures 16 thru 19.
Section 4.3.6—After Table 16, added a sentence to introduce Figures 22 thru 25.
Section 5.3—Updated the driver and I/O assignment information for the multiplexed PCI clock and
DUART signals. Added note for HRST_CPU and HRST_CTRL, which had been mentioned only in
Figure 2.
Section 9.2—Updated the part ordering specifications for the extended temperature parts. Also
updated Section 9.2 to reflect what we offer for new orders. Updated Figure 34 to match with current
part marking format.
Section 8.3—Added new section for part marking information.
7
05/11/2004
Section 4.1.4 —Table 4: Changed the default for drive strength of DRV_STD_MEM.
Section 4.3.1 —Table 8: Changed the wording for item 15 description.
Section 4.3.4 —Table 10: Changed Tos range and wording in note 7; Figure 11: changed wording
for SDRAM_SYNC_IN description relative to TOS.
6.1
—
Section 4.3.1 — Table 9: Corrected last row to state the correct description for the bit setting: Max
tap delay, DLL extend. Figure 8: Corrected the label name for the DLL graph to state “DLL Locking
Range Loop Delay vs. Frequency of Operation for DLL_Extend=1 and Normal Tap Delay”
6
—
Section 4.1.2 — Figure 2: Added note 6 and related label for latching of the PLL_CFG signals.
Section 4.1.3 — Updated specifications for the input high and input low voltages of PCI_SYNC_IN.
Section 4.3.1 — Table 8: Corrected typo for first number 1a to 1; Updated characteristics for the DLL
lock range for the default and remaining three DLL locking modes; Reworded note description for
note 6. Replaced contents of Table 9 with bit descriptions for the four DLL locking modes. In Figures
7 through 10, updated the DLL locking mode graphs.
Section 4.3.2 — Table 10: Changed the name of references for timing parameters from
SDRAM_SYNC_IN to sys_logic_clk to be consistent with Figure 11. Followed the same change for
note 2.
Section 4.3.3— Table 11: Changed the name of references for timing parameters from
SDRAM_SYNC_IN to sys_logic_clk to be consistent with Figure 11. Followed the same change for
note 2.
Section 5.3 — Table 17: Removed extra listing of DRDY in test/configuration signal list and updated
relevant notes for signal in memory Interface signal listing. Updated note #20. Added note 24 for the
signals of the UART interface.
Section 7.6 — Added relevant notes to this section and updated Figure 29.
5
—
Section 5.1— Updated package information to include all package offerings.
Section 5.2 — Included package case outline for ZP (Rev. B) packaging parts.
Section 9 — Updated Part markings for the offerings of the MPC8241.
All sections — Nontechnical reformatting
Table 21. Revision History Table (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com