Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8241EC Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
43
System Design Information
Place the circuits as closely as possible to the respective input signal pins to minimize noise coupled from
nearby circuits. Routing from the capacitors to the input signal pins should be as direct as possible with
minimal inductance of vias.
Figure 26. PLL Power Supply Filter Circuit
7.2
Decoupling Recommendations
Dynamic power management, large address and data buses, and high operating frequencies enable the
MPC8241 to generate transient power surges and high frequency noise in its power supply, especially
while driving large capacitive loads. This noise must be prevented from reaching other components in the
MPC8241 system, and the MPC8241 itself requires a clean, tightly regulated source of power. Therefore,
place at least one decoupling capacitor at each VDD, GVDD_OVDD, and LVDD pin. These decoupling
capacitors receive their power from dedicated power planes in the PCB, using short traces to minimize
inductance. These capacitors should have a value of 0.1 µF. To minimize lead inductance, use only ceramic
SMT (surface mount technology) capacitors, preferably 0508 or 0603, on which connections are made
along the length of the part.
In addition, distribute several bulk storage capacitors around the PCB to feed the VDD, GVDD_OVDD, and
LVDD planes and enable quick recharging of the smaller chip capacitors. These bulk capacitors should
have a low ESR (equivalent series resistance) rating to ensure the necessary quick response time, and
should be connected to the power and ground planes through two vias to minimize inductance. Freescale
recommends using bulk capacitors: 100–330 µF (AVX TPS tantalum or Sanyo OSCON).
7.3
Connection Recommendations
To ensure reliable operation, connect unused inputs to an appropriate signal level. Tie unused active-low
inputs to OVDD. Connect unused active-high inputs to GND. All no connect (NC) signals must remain
unconnected.
Power and ground connections must be made to all external VDD, GVDD_OVDD, LVDD, and GND pins.
The PCI_SYNC_OUT signal is to be routed halfway out to the PCI devices and then returned to the
PCI_SYNC_IN input.
The SDRAM_SYNC_OUT signal is to be routed halfway out to the SDRAM devices and then returned to
the SDRAM_SYNC_IN input of the MPC8241. The trace length can be used to skew or adjust the timing
window as needed. See the Tundra Tsi107™ Design Guide (AN1849) and Freescale application notes
AN2164/D, MPC8245/MPC8241 Memory Clock Design Guidelines: Part 1 and AN2746,
MPC8245/MPC8241 Memory Clock Design Guidelines: Part 2 for more details. Note the
SDRAM_SYNC_IN to PCI_SYNC_IN time requirement (see Table 10).
VDD
AVDD or AVDD2
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com