Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8241EC Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
53
Ordering Information
8.1
Part Numbers Fully Addressed by This Document
Table 19 provides the Freescale part numbering nomenclature for the MPC8241. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier that may specify special application conditions. Each part number also
contains a revision code that refers to the die mask revision number. Read the Revision ID register at
address offset 0x08 to determine the revision level.
8.2
Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed in this specification document are
described in separate hardware specifications addendums that supplement and supersede this document
(see Table 20).
Table 19. Part Numbering Nomenclature
MPC
nnnn
L
xx
nnn
x
Product
Code
Part
Identifier
Process Descriptor
Package 1
Processor
Frequency 2
(MHz)
Revision
Level
MPC
8241
L = Standard spec.
0
° to 105°C
ZQ = thick substrate and thick
mold cap PBGA (two layers)
166, 200
1.8 V ± 100 mV
D:1.4 = Rev.
ID:0x14
ZQ = thick substrate and thick
mold cap PBGA (four layers,
thermally enhanced)
266
1.8 V ± 100 mV
VR = Lead-free version of package
166, 200, 266
1.8 V ± 100 mV
Notes:
1. See Section 5, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by hardware specifications addendums may support
other maximum core frequencies.
Table 20. Part Numbers Addressed by MPC8241TXXPNS Series
(Document No. MPC8241ECSO1AD))
MPC
nnnn
T
xx
nnn
x
Product
Code
Part
Identifier
Process Descriptor
Package 1
Processor
Frequency 2
(MHz)
Revision
Level
Processor
Version
Register
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com