| Electronic Components Datasheet Search |
|
M68ICS08GR Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc |
|
112 / 408 page ![]() Clock Generator Module (CGMC) Technical Data MC68HC908GR8 — Rev 4.0 112 Clock Generator Module (CGMC) MOTOROLA 7.5 I/O Signals The following paragraphs describe the CGMC I/O signals. 7.5.1 Crystal Amplifier Input Pin (OSC1) The OSC1 pin is an input to the crystal oscillator amplifier. 7.5.2 Crystal Amplifier Output Pin (OSC2) The OSC2 pin is the output of the crystal oscillator inverting amplifier. 7.5.3 External Filter Capacitor Pin (CGMXFC) The CGMXFC pin is required by the loop filter to filter out phase corrections. An external filter network is connected to this pin. (See Figure 7-2.) NOTE: To prevent noise problems, the filter network should be placed as close to the CGMXFC pin as possible, with minimum routing distances and no routing of other signals across the network. 7.5.4 PLL Analog Power Pin (VDDA) VDDA is a power pin used by the analog portions of the PLL. Connect the VDDA pin to the same voltage potential as the VDD pin. NOTE: Route VDDA carefully for maximum noise immunity and place bypass capacitors as close as possible to the package. 7.5.5 PLL Analog Ground Pin (VSSA) VSSA is a ground pin used by the analog portions of the PLL. Connect the VSSA pin to the same voltage potential as the VSS pin. NOTE: Route VSSA carefully for maximum noise immunity and place bypass capacitors as close as possible to the package. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |