Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 74 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 74 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 70Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 71Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 72Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 73Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 74Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 75Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 76Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 77Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 78Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 182 page
background image
!
!
61
3-5
Wiring I/O Units
Connect the I/O Devices to the I/O Units using AWG 22 lead wire (cross-section-
al area: 0.3 mm2) for 19-terminal terminal blocks and AWG 22 to 18 lead wire
(cross-sectional area: 0.3 to 0.75 mm2) for 10-terminal terminal blocks. The ter-
minals have screws with 3.5-mm diameter heads and self-raising pressure
plates. Connect the lead wires to the terminals as shown. Tighten the screws to a
torque of 0.8 N
S m.
M3.5 screw
Tightening torque: 0.8 N
S m
A
Terminal block
A
20-terminal
Terminal block
38-terminal
Terminal block
25 mm max.
16.5 mm max.
Use crimp terminals for wiring. Do not connect bare stranded wires directly to
terminal blocks. Use M3.5 screws for tightening crimp terminals.
7 mm max.
7 mm max.
WARNING Always attach crimp terminals to the wires to ensure proper connection.
Connecting loose wires can cause fires.
Caution
Abide by the following precautions when wiring the I/O Units. Failure to abide by
these precautions my cause faulty operation or damage to the Unit.
• Be sure that no wire clippings or other foreign materials enter the Units when
wiring.
• Check and recheck all wiring before supplying power to the system.
• Check and recheck terminal block before mounting them to the Unit.
Note
1. Putting I/O lines and high-tension lines or power lines in the same duct or
conduit may cause the I/O lines to be affected by noise. This may cause a
malfunction in the Unit or may damage the Unit or I/O devices.
2. Use reinforced insulation or double insulation on the DC power supply con-
nected to DC I/O Units when complying with EC directives (low voltage).
3. Use separate power supplies for Relay Output Units and DC I/O Units when
complying with EC directives (low voltage).
Wiring I/O Units
Section 3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com