Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 20Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 21Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 22Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 23Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 24Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 25Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 26Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 27Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 182 page
background image
11
BASIC Unit
The BASIC Unit can be connected to a personal computer to enable communi-
cations with the PC using the BASIC programming language. Up to 512 bytes
(256 words) of data can be transferred between the BASIC Unit and the CPU by
the PC READ/WRITE command without using the PC program.
Up to 256 words of data can also be transferred between the BASIC Unit and the
PC’s CPU by using the NETWORK SEND and NETWORK RECEIVE
(SEND(192)/RECV(193)) instructions in the PC program.
Data can also be transferred to other BASIC Units mounted on the same PC, or
to BASIC Units mounted to other PCs connected by networks formed using a
SYSMAC NET Link or SYSMAC LINK System. RS-232C, RS-422, Centronics,
and GPIB interfaces are available.
BASIC Unit
CV500-BSC
j1
Personal computer
CV-series
CPU Rack/Expansion
CPU Rack
Personal Computer Unit
The Personal Computer Unit is a full-fledged IBM PC/AT compatible that can be
used to run independent programming directly on a Rack to eliminate the need
for separate installation space. It can run along or connected to any of the normal
peripherals supported by IBM PC/AT compatibles (mice, keyboards, monitors,
data storage devices, etc.), and as a CPU Bus Unit, the Personal Computer Unit
interfaces directly to the PC’s CPU though the CPU bus to eliminate the need for
special interface hardware, protocols, or programming.
1-7
New CPUs and Related Units
The following new CV-series CPUs and related Units are included in this version
of the manual for the first time. Refer to relevant sections of this manual or the
CV-series PC Operation Manual: Ladder Diagrams for further details.
Unit
Model number
Main specifications
CPU
CVM1-CPU01-EV2
I/O capacity: 512 pts; Ladder diagrams only
CVM1-CPU11-EV2
I/O capacity: 1,024 pts; Ladder diagrams only
CVM1-CPU21-EV2
I/O capacity: 2,048 pts; Ladder diagrams only
CV500-CPU01-EV1
I/O capacity: 512 pts; Ladder diagrams or SFC + ladder diagrams
CV1000-CPU01-EV1
I/O capacity: 1,024 pts; Ladder diagrams or SFC + ladder diagrams
CV2000-CPU01-EV1
I/O capacity: 2,048 pts; Ladder diagrams or SFC + ladder diagrams
Temperature Controller
Data Link Unit
CV500-TDL21
Connects up to 64 temperature control devices via 2 ports.
New CPUs and Related Units
Section 1-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com