Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 30Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 31Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 32Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 33Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 36Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 182 page
background image
21
Mounting Locations
The following table below summarizes the Units that can be mounted to CPU,
Expansion CPU, Expansion I/O, and Slave Racks. For detailed information
about the Units listed below, refer to the operation manual for the individual Unit.
Unit
CPU
Rack
Expansion
CPU Rack
Expansion
I/O Racks
Slave Racks (CV- or
C-series)
Remarks
16-/32-/64-point
I/O Units
Yes
Yes
Yes
Yes
---
Service Power
Supplies
Yes
Yes
Yes
Yes
---
Interrupt Input
Units
Yes
Yes
No
No
Up to 4 Units can be mounted.
When mounting to the Expansion
CPU Rack, set the rack number
to 1.
C500 Special I/O
Units
Yes
Yes
Yes
Yes
The following cannot be
mounted to SYSMAC
BUS/2 Slave Racks:
NC103, NC221, NC222,
CP131, FZ001, PID01,
and MCC01.
The following cannot be
mounted to SYSMAC
BUS Slave Racks:
NC221, NC222, CT041,
and FZ001.
All other Special I/O Units
can be mounted.
Up to 8 of the following Units can
be mounted: Analog Input, Analog
Output, High-speed Counter, PID,
Position Control, Magnetic Card,
ASCII, ID Sensor, and Ladder
Program I/O. Position Control
Units, NC103-E, and PID Units
use 2 slots.
READ(190)/WRIT(191) cannot be
used with Units mounted to
SYSMAC BUS Slave Racks.
BASIC Units
Yes
Yes
No
No
Up to 16 CPU Bus Units can be
d
i h
h PC i
l di
2
Temperature
Controller Data
Link Unit
Yes
Yes
No
No
used with each PC, including 2
Remote I/O Master Units for the
CV500 or CVM1-CPU01-EV2 or 4
for the CV1000 CV2000
Personal
Computer Units
Yes
Yes
No
No
for the CV1000, CV2000,
CVM1-CPU11-EV2, or
CVM1-CPU21-EV2, up to a 4
SYSMAC NET
Link Units
Yes
Yes
No
No
CVM1-CPU21-EV2, u to a 4
each of the SYSMAC NET Link,
SYSMAC LINK Units, Host Link
U it
Eth
t U it
d 1
SYSMAC LINK
Units
Yes
Yes
No
No
,
Unit, or Ethernet Unit, and 1
CompoBus/D Master Unit.
AP
lC
t
U it
SYSMAC BUS/2
Remote I/O
Master Units
Yes
Yes
No
No
A Personal Computer Unit
requires 4 slots.
Ethernet Units
Yes
Yes
No
No
CompoBus/D
Master Unit
Yes
Yes
No
No
SYSMAC BUS
Remote I/O
Master Units
Yes
Yes
Yes
No
Up to 4 Units can be mounted to
a CV500 or CVM1-CPU01-EV2
and eight Units to a CV1000,
CV2000, CVM1-CPU11-EV2, or
CVM1-CPU21-EV2.
SYSMAC BUS
I/O Link Units
Yes
Yes
Yes
No
I/O cannot be set to 16 input/16
output.
System Configuration
Section 2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com