Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 28Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 29Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 30Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 31Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 32Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 33Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 182 page
background image
19
The following figure shows an assembled CV-series CPU Rack and seven C500
Expansion I/O Racks. Up to seven C500 Expansion I/O Racks may be con-
nected to the CPU Rack. The total length of the I/O Connecting Cable must 5 m
or less and each section of I/O Connecting Cable must be 2 m or less. Termina-
tion Resistance Units are not necessary.
Expansion I/O Racks for the CV-series cannot be used together with C500 Ex-
pansion I/O Racks.
Units can be mounted to any slot on the Racks shown for them below.
I/O Control Unit
CV500-IC301
I/O Connecting Cable C500-CN
jj2N
(2 m max. each cable, 5 m max. total length)
8 or 5 slots
C500 I/O Units
C500 Special I/O Units
SYSMAC BUS Masters
I/O Backplane
3G2A5-BI081/BI051
Power Supply Unit
3G2A5-PS222-E/PS212
I/O Interface Unit
3G2A5-II002
(Terminal Resistance Units are not required.)
CPU Backplane: CV500-BC031/051/101
Power Supply Unit: CV500-PS221/PS211 or
CVM1-PA208
CPU: CV500-CPU01-EV1, CV1000-CPU01-EV1,
CV2000-CPU01-EV1, CVM1-CPU01-EV2,
CVM1-CPU11-EV2, or CVM1-CPU21-EV2
3, 5, or 10 slots
SYSMAC NET Link Units
SYSMAC LINK Units
SYSMAC BUS/2 Masters
Personal Computer Units
BASIC Units
C500 I/O Units
C500 Special I/O Units
SYSMAC BUS Masters
Systems with C500
Expansion I/O Racks
System Configuration
Section 2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com