Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 15Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 16Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 17Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 18Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 19Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 20Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 21Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 22Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 182 page
background image
6
1-5
C-series–CV-series System Compatibility
The following table shows when C-series Units can be used and when CV-series
Units must be used. Any C-series Unit or Peripheral Device not listed in this table
cannot be used with the CV-series PCs.
Unit
C Series
CV Series
Remarks
CPU Rack
CPU
No
Yes
CV500-CPU01-EV1, CV1000-CPU01-EV1,
CV2000-CPU01-EV1, CVM1-CPU01-EV2,
CVM1-CPU11-EV2, and CVM1-CPU21-EV2
Power Supply
No
Yes
CV500-PS221, CV500-PS211, and
CVM1-PA208
CPU Backplane
No
Yes
CV500-BC031, CV500-BC051, CV500-BC101,
CVM1-BC103, and CVM1-BC053
I/O Control Unit
No
Yes
CV500-IC
j01
Expansion CPU Backplane
No
Yes
CV500-BI111
Expansion I/O Backplane
No
Yes
CV500-BI042, CV500-BI062, CV500-BI112,
CVM1-BI114, and CVM1-BI064 (C500
Expansion I/O Racks can be used with certain
limitations.)
16-/32-/64-point I/O Units
Yes
Yes
---
Special I/O Units
Yes
Yes
Applicable Units include Analog Input, Analog
Output, High-speed Counter, PID, Position
Control, Magnetic Card, ASCII, ID Sensor, and
Ladder Program I/O Units (The C500-ASC03
cannot be used.)
BASIC Unit
No
Yes
CV500-BSC
j1
Personal Computer Unit
No
Yes
CV500-VP213-E/217-E/223-E/227-E
Temperature Control Data Link Unit
No
Yes
CV500-TDL21
Link
S
SYSMAC NET
No
Yes
CV500-SNT31
Systems
SYSMAC LINK
No
Yes
CV500-SLK11 and CV500-SLK21
Host Link Unit
No
Yes
CV500-LK201
Ethernet Unit
No
Yes
CV500-ETN01
Remote I/O
S
SYSMAC BUS Units
Yes
Yes
---
Systems
SYSMAC BUS/2
No
Yes
CV500-RM211/221 and CV500-RT211/221
Peripheral
Devices
CV Support Software
No
Yes
(See note.)
CV500-ZS3AT1-EV2 (3 1/2” floppy disks) and
CV500-ZS5AT1-EV2 (5 1/4” floppy disks) for
IBM PC/AT compatible
SYSMAC Support
Software (SSS)
Yes
Yes
(See note.)
C500-ZL3AT1-E (3.5” floppy disks) for IBM
PC/AT compatible
Graphic Programming
Console
Yes (Main
unit only)
Yes
(System
Cassette)
(See note.)
GPC: 3G2C5-GPC03-E
System Cassette: CV500-MP311-E
Programming Console
No
Yes
(See note.)
CVM1-PRS21-EV1 (set)
Note The CVSS does not support new instructions added for version-2 CVM1 PCs.
The SSS does not support SFC programming (CV500, CV1000, and CV2000).
New instructions added for version-2 CVM1 PCs are also supported by ver-
sion-1 CV-series Programming Consoles.
C-series–CV-series System Compatibility
Section 1-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com