Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 79 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 79 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 75Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 76Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 77Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 78Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 79Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 80Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 81Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 82Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 83Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 182 page
background image
66
Sensor Inputs
When using the following configurations, the sensor and Input Unit should re-
ceive their power from the same source.
+
COM
NPN current output
IN
DC input
0 V
Output
7 mA
Current
regulator
+
COM
NPN open-collector output
Sensor
Power
Supply
IN
DC input
0 V
Output
7 mA
+
COM
PNP current output
Sensor
Power
Supply
IN
AC/DC input
0 V
Output
7 mA
AC Inputs
COM
Contact output
IN
AC input
COM
AC Switching
IN
AC input
Prox.
switch
main
circuit
3-6
Compliance with EC Directives
The following precautions must be abided by when installing CV-series PCs to
meet EC Directives.
1, 2, 3...
1. CV-series PCs are classified as open-structure devices and must be
installed inside a control panel.
2. Use reinforced insulation or double insulation on the DC power supply con-
nected to CV500-PS211 Power Supply Unit and DC I/O Units.
3. Use separate power supplies for Relay Output Units and DC I/O Units.
Compliance with EC Directives
Section 3-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com