Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 31Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 32Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 33Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 36Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 38Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 182 page
background image
22
Configuration Limits
The following two tables indicate limits on the system configuration. The first
table indicates limits for the basic System. The second table indicates limits for
Remote I/O Systems.
Basic System
Item
CV500 or
CVM1-CPU01-EV2
CV1000 or
CVM1-CPU11-EV2
CV2000 or
CVM1-CPU21-EV2
Number of I/O points
512 points (32 words)
1,024 points
(64 words)
2,048 points
(128 words)
Number of connectable Expansion CPU Racks
1
Number of connectable Expansion I/O Racks
7 (6 if an Expansion CPU Rack is also used)
Number of I/O slots on CPU Rack
3/5/10
Number of I/O slots on Expansion CPU Rack
11
Number of I/O slots on Expansion I/O Rack
4/6/11
Remote I/O Systems
Item
SYSMAC BUS/2 (see note 2)
SYSMAC BUS
CV500 or
CVM1-CPU01
-EV2
CV1000,
CV2000,
CVM1-CPU11
-EV2, or
CVM1-CPU21
-EV2
CV500 or
CVM1-CPU01
-EV2
CV1000,
CV2000, or
CVM1-CPU11
-EV2
CVM1-CPU21
-EV2
Limits
per PC
No. of remote I/O
points
1,024 pts
(64 words)
2,048 pts
(128 words)
512 pts
(32 words)
1,024 pts (64
words)
2,048 pts (128
words)
No. of Remote
Masters
2
4
4
8
No. of Slave Racks
---
---
8
16
Limits
No. of Slaves (see
1)
58M Slaves: 8 Units
2
8
per
Remote
(
note 1)
122M Slaves: 4 Units
Remote
I/O
54MH Slaves: 4 Units
I/O
Master
Unit
No. of remote I/O
points
58M Slaves: 464 input and 464
output
512 pts (32 words)
122M Slaves: 976 input and 976
output
54MH Slaves: 432 input and
432 output
Combined No. of
Slaves, I/O Link
Units, Optical I/O
Units, and I/O
Terminals
---
64 (optical)
32 (wired)
Expansion I/O Backplanes
CV500-BI112/062/042
C500-BI081/051
Note
1. 58M Slaves are counted as one Unit and 122M and 54 MH Slaves are
counted as two Units in figuring the total of eight connectable Units. 58M,
122M, and 54MH classifications are set with a switch on the Slave.
2. A SYSMAC BUS/2 Slave must be designated “54MH” to use
READ(190)/WRIT(191) for Special I/O Units mounted to it. These instruc-
tions cannot be used for SYSMAC BUS Slaves regardless.
System Configuration
Section 2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com