Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 23Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 24Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 25Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 26Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 27Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 28Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 29Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 30Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 182 page
background image
14
The following additions and improvements were made to create the version-2
CPUs.
CMP/CMPL
New versions of the CMP(020) and CMPL(021) have been added that are not
intermediate instructions. The new instructions are CMP(028) and CMPL(029)
and are programs as right-hand (final) instructions. A total of 24 other new com-
parison instructions have also been added with symbol mnemonics (e.g., >, +,
and <).
XFER(040)
This instruction has been upgraded so that source and destination areas can
overlap.
DMPX(111)
This instruction has been upgraded so that either the MSB or the LSB can be
specified for use as the end code. Previously only the the MSB could be used.
New Flags
Underflow and Overflow Flags have been added at A50009 and A50010, re-
spectively. These flags can be turned ON or OFF when executing ADB, ADBL,
SBB, and SBBL and can be saved or loaded using CCL and CCS.
New Instructions
A total of 125 new instructions have been added. These instructions are sup-
ported by version-2 CPUs only.
Faster Online Editing
The time that operation is stopped for online editing has been reduced and is no
longer added to the cycle time. The following are just a couple of examples.
Edit
Time operation is stopped
Adding or deleting one instruction block at the
beginning of a 62K-word program
Approx. 0.5 s
Deleting an instruction block containing JME
from the beginning of a 62K-word program
Approx. 2.0 s
The above speed increase also applies to all V1 CPUs with lot numbers in which
the rightmost digit is 5 (
jjj5) or higher.
New Host Link Commands
New C-mode commands for the CPU Host Interface have been added and the
functionality of existing commands has been improved as follows:
New Commands
• RL/WL: Read and write commands for the CIO Area.
• RH/WH: Read and write commands for the CIO Area.
• CR: Read command for the DM Area.
• R#/R$/R%: SV read commands.
• W#/W$/W%: SV change commands.
• *: Initialization command.
Improved Commands
• The Link Area (CIO 1000 to CIO 1063) and Holding Area (CIO 1200 to
CIO 1299) can now be specified for the KS, KR, KC, and QQ commands.
• CVM1-CPU21-EV2 can now be read for the MM command.
The above new and improved commands can also be used with all V1 CPUs
with lot numbers in which the rightmost digit is 5 (
jjj5) or higher.
Note Only the following Programming Devices support version-2 CPUs: SSS
(C500-ZL3AT1-E)
and
the
CVM1-PRS21-EV1
Programming
Console
(CVM1-MP201-V1). Of these, the SSS does not support SFC and thus cannot
be used for the CV500, CV1000, and CV2000. Use the CVSS for these PCs.
Improved Specifications
Section 1-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com