Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-RPT01-E Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 19Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 20Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 21Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 22Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 23Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 24Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 25Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 26Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 182 page
background image
10
Remote I/O can also be enabled by using the C-series SYSMAC BUS Remote
I/O System with CV-series PC.
Remote I/O Master Units can be mounted on any slot of the CPU Rack, Expan-
sion CPU Rack, or Expansion I/O Rack. Up to four Masters can be mounted for
the CV500 or CVM1-CPU01-EV2, up to eight Masters for the CV1000, CV2000,
or CVM1-CPU11/21-EV2.
For each Master, up to two Slave Racks can be connected for the CV500 or
CVM1-CPU01-EV2; up to eight Slave Racks for the CV1000, CV2000, or
CVM1-CPU11/21-EV2. No more than 16 Slave Racks can be connected per PC.
Slaves can be used to provide up to 512 remote I/O points for the CV500 or
CVM1-CPU01-EV2; up to 1,024 remote I/O points for the CV1000, CV2000, or
CVM1-CPU11-EV2; up to 2,048 remote I/O points for the CVM1-CPU21-EV2.
These limits are the totals for all Slaves control by one PC.
Programming Devices cannot be connected to SYSMAC BUS Slave Racks.
Remote I/O Master Unit
3G2A5-RM001-(P)EV1 (optical)
C500-RM201 (wired)
Up to 8 Units
CV-series
CPU Rack/Expansion CPU
Rack/Expansion I/O Rack
C-series
Remote I/O Slave Rack
CV500, CVM1-CPU01-EV2:
2 Masters max. can be mounted
CV1000, CV2000, CVM1-CPU11/21-EV2: 4 Masters max. can be mounted
The CV-series PCs can be connected to a host computer with the host link con-
nector via the CPU or a CV500-LK201 Host Link Unit mounted to a Rack.
RS-232C or RS-422 communications can be used depending on the switch set-
ting. When RS-422 is selected, up to 32 PCs can be connected to a single host.
Data is transmitted and received by commands and responses.
Host link connector
Host
computer
SYSMAC BUS Remote I/O
System
Host Link System
(SYSMAC WAY)
Networks and Remote I/O Systems
Section 1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com