Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 27Page - Advanced Micro Devices AM79C32A Datasheet HTML 28Page - Advanced Micro Devices AM79C32A Datasheet HTML 29Page - Advanced Micro Devices AM79C32A Datasheet HTML 30Page - Advanced Micro Devices AM79C32A Datasheet HTML 31Page - Advanced Micro Devices AM79C32A Datasheet HTML 32Page - Advanced Micro Devices AM79C32A Datasheet HTML 33Page - Advanced Micro Devices AM79C32A Datasheet HTML 34Page - Advanced Micro Devices AM79C32A Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
Am79C30A/32A Data Sheet
31
As an example, in a hands-free application using an
electret requiring 24 dB of gain in the transmit path for
optimum performance. The typical implementation
would use 18 dB of GA and 6 dB of GX gain. The user
would then have a programmable range of +6 dB to –66
dB utilizing GX. Selection of these gain points is of
course, application specific, and will depend on the per-
formance requirements of the system.
Listings of the optimized programming values for vari-
ous levels are included in Appendix A. Values listed in
the recommended tables are still correct and will per-
form as stated. There is no need to convert to the ex-
tended values unless greater resolution is required.
Programmable Filter Coefficients and Equations
The frequency domain transfer function equation for
the X and R filters is:
where:
z = cos (wT) + i V sin(wT)
i = (–1)
1/2
w = frequency of input signal in Hz · 2pi
T = sample period in seconds (0.125 ms)
hj (j = 0,1,...7) = user-defined coefficients.
Each hj coefficient is defined by the following equation:
where each hj Coefficient Register pair has the follow-
ing format:
and Ai = –1 Si 2
–Mi , (i=0,1,2,3).
The X and R filter coefficients are programmed using a
16-byte transfer with the format shown in Table 30.
Note:
AmMAP™ software, which calculates X and R filter coeffi-
cients, is available from Advanced Micro Devices. Contact
your local AMD Sales Office for more information.
Test Facilities
Three capabilities are provided for MAP operation ver-
ification.
MAP Analog Loopback
Signals sent in on AINA or AINB may be sent back out
to EAR1/EAR2 or LS1/LS2 by looping the MAP path in
the MUX. The MUX should be set up for Ba-to-Ba loop-
back by writing 33H to MCR1, MCR2, or MCR3. No
other MUX connections overriding Ba-to-Ba should be
programmed. This test allows the MAP analog and dig-
ital to be tested using a local signal source.
MAP Digital Loopback 1
This loopback mode connects the interpolator output to
the decimator input in place of the ADC output. This
mode allows verification from the S Interface or micro-
Table 28.
Recommended Ranges
Recommended and guaranteed
GX
0 to +12 dB plus infinite in 0.5 dB steps
GER
–10 to +18 dB plus infinite in 0.5 dB steps
GR
–12 to 0 dB plus infinite in 0.5 dB steps
STG
–18 to 0 dB plus infinite in 0.5 dB steps
Table 29.
Design Ranges
Limits by design
GX
–84.3 to 14.0 dB plus infinite in 0.1 dB steps
over most of the range
GER
–24.1 to 24.1 dB plus infinite in 0.1 dB steps
over most of the range
GR
–84.3 to 14.0 dB plus infinite in 0.1 dB steps
over most of the range
STG
–84.3 to 14.0 dB plus infinite in 0.1 dB steps
over most of the range
h
f
h
0
h
1 z
1
–
h
2 z
2
–
h
3z
3
–
h
4z
4
–
+
+++
+
=
h
5z
5
–
h
6z
6
–
h
7 z
7
–
++
hj
A3 1
A2 1
A 1
A0
+
()
+
[]
+
{}
=
Byte
7
6 5 4
3
2 1 0
LSB
S1
M1
S0
M0
MSB
S3
M3
S2
M2
Table 30.
X/R Filter Format
Byte
Value
0
h0 LSB
1
h0 MSB
2
h1 LSB
4
h2 LSB
5
h2 MSB
6
h3 LSB
7
h3 MSB
8
h4 LSB
9
h4 MSB
10
h5 LSB
11
h5 MSB
12
h6 LSB
13
h6 MSB
14
h7 LSB
15
h7 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com