Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 58Page - Advanced Micro Devices AM79C32A Datasheet HTML 59Page - Advanced Micro Devices AM79C32A Datasheet HTML 60Page - Advanced Micro Devices AM79C32A Datasheet HTML 61Page - Advanced Micro Devices AM79C32A Datasheet HTML 62Page - Advanced Micro Devices AM79C32A Datasheet HTML 63Page - Advanced Micro Devices AM79C32A Datasheet HTML 64Page - Advanced Micro Devices AM79C32A Datasheet HTML 65Page - Advanced Micro Devices AM79C32A Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
62
Am79C30A/32A Data Sheet
Peripheral Port Interrupt Enable Register (PPIER) = 1
Default = Write = 00 Hex, Read = Bit 7 = 1, Bits 6–0 = 0
Address = Indirect C2 Hex, Read/Write
The Peripheral Port Interrupt Enable Register provides an individual interrupt-enable bit corresponding with eachof
the status conditions in the Peripheral Port Status Register. When set, the interrupt is enabled. Clearing the bit dis-
ables the interrupt. These bits are set and cleared by software.
Monitor Transmit Data Register (MTDR) Default = FF Hex
Address = Indirect C3 Hex, Write
The Monitor Transmit Data Register is the user-visible portion of the Monitor channel Transmitter Data buffer. Data
is written into this register by the user in response to a monitor transmit buffer available interrupt. It is then transmitted
to the receiver on the other side of the IOM-2 bus. The MTDR is emptied when the PP is reset.
Monitor Receive Data Register (MRDR) Default = 00 Hex
Address = Indirect C3 Hex, Read
The Monitor Receive Data Register is the user-visible portion of the Monitor channel Receiver Data buffer. Data is
written into this register by the hardware as it is received over the monitor channel. A monitor data available interrupt
is generated when the register is loaded. The register is overwritten by hardware only after the register has been
read. The default on reset is 00 hex.
7
654
32
10
PP/MF
INT EN
ENABL
IOM-2
TIME
RQST
ENABL
CHNG
IN C/I1
DATA
ENABL
CHNG
IN C/I0
DATA
ENABL
MONTR
ABORT
RECVD
ENABL
MONTR
EOM
RECVD
ENABL
MONTR
XMIT
BUFFR
AVAIL
ENABL
MONTR
RECV
DATA
AVAIL
Bit
Function
7
PP/MF Interrupt Enable—When set, this bit enables the Peripheral Port and Multiframing interrupts. When cleared, the
PP and MF interrupts are disabled.
Notes:
To ensure proper interrupt reporting, software must disable PP/MF interrupts when the interrupt routine is entered and
enable them when exiting.
7
654
32
10
DATA
BIT 7
(MSB)
DATA
BIT 6
DATA
BIT 5
DATA
BIT 4
DATA
BIT 3
DATA
BIT 2
DATA
BIT 1
DATA
BIT 0
(LSB)
7
654
32
10
DATA
BIT 7
(MSB)
DATA
BIT 6
DATA
BIT 5
DATA
BIT 4
DATA
BIT 3
DATA
BIT 2
DATA
BIT 1
DATA
BIT 0
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com