Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 44Page - Advanced Micro Devices AM79C32A Datasheet HTML 45Page - Advanced Micro Devices AM79C32A Datasheet HTML 46Page - Advanced Micro Devices AM79C32A Datasheet HTML 47Page - Advanced Micro Devices AM79C32A Datasheet HTML 48Page - Advanced Micro Devices AM79C32A Datasheet HTML 49Page - Advanced Micro Devices AM79C32A Datasheet HTML 50Page - Advanced Micro Devices AM79C32A Datasheet HTML 51Page - Advanced Micro Devices AM79C32A Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
48
Am79C30A/32A Data Sheet
Peripheral Port (PP)
Overview
The purpose of the Peripheral Port is to allow external
peripherals to be connected to the DSC/IDC circuit.
There are two basic modes of operation, Serial Bus
Port mode, and IOM-2 Terminal mode. Within IOM-2
Terminal mode, the DSC/IDC circuit may be configured
as any combination of IOM-2 timing/control master or
slave. The definition of the Peripheral Port pins de-
pends on the operating mode of the port, as described
in Table 50.
Serial Bus Port (SBP) Mode
The SBP mode of operation is backwards compatible
with the Revision D DSC circuit serial port and is en-
tered either following a device RESET or if pro-
grammed in PPCR1.
In SBP mode, the SCLK output provides a 192-kHz 1X
data clock of programmable polarity. The SBIN and
SBOUT pins support three 8-bit serial data channels,
designated Bd, Be, and Bf. The SFS output provides an
8-kHz serial frame sync pulse eight bit periods in width,
coincident with the Bd channel. The SBP mode timing
is illustrated in Figure 5.
Following a RESET, the SCLK and SFS outputs will de-
fault to a high-impedance state, which will be main-
tained until any MUX connection is programmed (or
until the Peripheral Port is programmed to an IOM-2
mode). SCLK and SFS will remain in a high-impedance
state if the Peripheral Port is explicitly disabled. The
SCLK and SFS signals are synchronized to the re-
ceived S-interface frame. If there is no S-interface
frame synchronization, the SCLK and SFS signals will
free-run at 192 kHz and 8 kHz respectively.
If the DSC/IDC circuit is programmed to Idle mode, the
SFS output is driven Low but SCLK continues to run. In
Power-Down mode, both the SFS and SCLK outputs
are high-impedance.
IOM-2 Terminal Mode Overview
The IOM-2 Interface standard encompasses both a Li-
necard mode and a Terminal mode. The Terminal
mode was defined to provide four functions, as follows:
1. Connection of multiple Layer-2 devices to a Layer-1
device (in this case, the Layer-1 device is the S/T In-
terface LIU). Provisi on for the connection of
non-IOM-2 devices is included.
2. Programming and control of Layer-1 or Layer-2 de-
vices that do not have a microprocessor interface,
for example, a U-interface transceiver.
Table 50.
Pin Operation versus Peripheral Port Modes
Pin
SBP
On
Port
Disabled
IOM-2 M
Activated
IOM-2 M
Deactivated
IOM-2 S*
Bus Reverse
Activated
IOM-2 S* Bus
Reverse
Deactivated
IOM-2 S No
Bus Reverse
Activated
IOM-2 S No
Bus Reverse
Deactivated
SBIN
IN
Z
IN
IN
IN/OD
OD
OD
Z
SBOUT
OUT
Z
OD
Z
OD/IN
Z
IN
Z
SCLK
OUT
Z
OUT
Low
IN
IN
IN
IN
SFS
OUT
Z
OUT
Low
IN
IN
IN
IN
BCL/CH2STRB
OUT
Z
OUT
Low
Z
Z
Z
Z
IN = Input
OUT = Output
Z = High Impedance
OD = Open Drain Output
Note:
*The Am79C30A is a non-Layer-1 component when operated in the Slave mode; however, it has a microprocessor interface.
As a result, it is required to change the direction of its I/O pins at certain times in order to communicate with both the upstream
Layer-1 device and any downstream peripheral devices. In the IOM-2 Slave mode, the direction of data flow is reversed with
respect to the DSC circuit during Sub-frame 0 and during the deactivated state. The rule is that the upstream Layer-1 device
only uses Sub-frame 0 and does not reverse its pins. Any non-Layer-1 component that does not contain a microprocessor
interface (i.e., program by the DSC circuit over the Monitor channel in Sub-frame 1) uses Sub-frame 0 to talk to the Layer-1
device and Sub-frame 1 to talk to the DSC circuit. It does not reverse its pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com