Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 36Page - Advanced Micro Devices AM79C32A Datasheet HTML 37Page - Advanced Micro Devices AM79C32A Datasheet HTML 38Page - Advanced Micro Devices AM79C32A Datasheet HTML 39Page - Advanced Micro Devices AM79C32A Datasheet HTML 40Page - Advanced Micro Devices AM79C32A Datasheet HTML 41Page - Advanced Micro Devices AM79C32A Datasheet HTML 42Page - Advanced Micro Devices AM79C32A Datasheet HTML 43Page - Advanced Micro Devices AM79C32A Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
40
Am79C30A/32A Data Sheet
set and an interrupt is generated when the last byte of
the associated packet is read from the D-channel Re-
ceive buffer.
The incoming bit stream (including FCS) is run through
the FCS generation and compare block. Upon receipt
of the closing flag, the result is checked and must be
(MSB first) 0001110100001111. Any other pattern indi-
cates an FCS error, and DER bit 3 is set to a logical 1
when the last byte of the associated packet is read from
the D-channel Receive buffer.
The DLC receiver does not assume the packet to be
byte-aligned. The architecture supports shared flags be-
tween packets, interframe fill consisting of logical 1s
(Mark idle), and interframe fill consisting of flags (Flag
idle). Mark idle is defined as at least 15 or more contig-
uous 1s. Flag idle is defined as more than two consecu-
tive flag characters, not including a closing flag. DSR2 bit
5 is set to a logical 1 while Mark idle is being detected.
DSR2 bit 6 is set to a logical 1 while Flag idle is being de-
tected. The receiver D-channel packet can be aborted at
any time during reception by setting INIT bit 6.
Transmitting D-Channel Packets
The DLC Transmitter is activated when the MSB (sec-
ond byte) of the 16-bit D-channel Transmit Byte Count
Register (DTCR) is loaded by the microprocessor.
Next, the LIU starts counting the number of consecu-
tive 1s on the E-channel until the number of 1s defined
by the LIU priority mechanism is detected. After the se-
quence of 1s, the DLC transmitter will begin packet
transmission.
Address bytes for a transmit packet can be handled in
two ways: they can be loaded into the transmit buffer or
loaded into the Transmit Address Register (TAR).
There is one 16-bit TAR which can be loaded by the mi-
croprocessor. The bytes loaded into the TAR are trans-
mitted LSB first followed by MSB. For LAPD operation,
the LSB contains the SAPI, and the MSB contains TEI.
This 16-bit address (loaded LSB first) is transmitted
within the address field of the D-channel packet if en-
abled by setting DMR1 bit 2 to a logical 1. If the TAR is
enabled, the DTCR should be loaded with the number
of bytes to be transmitted excluding the address, flags,
and FCS. If the TAR is disabled, the DTCR should be
loaded with the number of bytes to be transmitted ex-
cluding the flags and FCS, and the microprocessor
must load the address to be transmitted as the first two
bytes of the D-channel packet data.
The DLC issues an interrupt when a position is
avail-able in the D-channel Transmit buffer. This inter-
rupt can be disabled by setting DMR3 bit 5 to a logical
0. The DLC also issues an interrupt to the microproces-
sor to request D-channel data bytes when the D-chan-
nel Transmit buffer empties to the threshold specified in
the D-channel FIFO mode register. This interrupt can
be disabled by setting DMR1 bit 0 to a logical 0.
If the D-channel Transmit buffer is empty, the micropro-
cessor has up to 375 ms to respond to the D-channel
transmit buffer interrupt. If the microprocessor fails to
load the data bytes in this time frame, an underrun inter-
rupt is generated in DER bit 7, and packet transmission
is terminated with a transmitted abort. The Underrun in-
terrupt can be masked by setting DMR2 bit 7 to a logical
0. Transmission is also terminated when a collision is de-
tected or LIU loss of synchronization occurs.
The D-channel Transmit Byte Count Register is decre-
mented each time a byte of data is transferred from the
D-channel Transmit buffer to the DLC. The count repre-
sents the number of bytes left to be transferred, exclud-
ing the FCS and flags. If the transmit abort bit (INIT bit
7) is set, the transmit byte count is frozen and indicates
the number of bytes left to transfer, not the number of
bytes transmitted. The last byte of the packet is deter-
mined by the D-channel Transmit Byte Count decre-
menting to zero. When this occurs, DSR2 bit 3 is set to
a logical 1.
After the last byte of the packet is transmitted, the DLC
adds the FCS and closing flag. Then the DLC issues an
interrupt (bit 6 of DSR1) to signify the end of the packet
transmission. This interrupt can be masked by setting
DMR3 bit 1 to a logical 0, and is reset either by reading
DSR1 or when the D-channel Transmit Byte Count
Register is loaded for the next packet.
Once the D-channel Transmit Byte Count has decre-
mented to 0, a second packet may be loaded into the
D-channel Transmit FIFO. If the MSB of the D-channel
Transmit Byte Count Register is loaded prior to the
end-of-transmit packet interrupt, the second packet is
transmitted back-to-back with the previous packet. The
End-of-Transmit Packet interrupt is not set between the
two packets. If the MSB of the D-channel Transmit Byte
Count Register is loaded after the end-of-packet inter-
rupt, the second packet is transmitted once the LIU pri-
ority mechanism has been resatisfied.
Collision Detection
The Network Term inator echoes the transmitted
D-channel data back to the DLC in the E-channel bits
of the S-interface frame. If there is a difference between
the data transmitted and the data echoed back, a colli-
sion has occurred. The DLC alerts the microprocessor
to this event by asserting the interrupt line (INT) and
setting DER bit 2. If a collision occurs during the trans-
mission of an abort sequence, the interrupt is still is-
sued. The collision detect interrupt can be masked by
setting DMR2 bit 2 to a logical 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com