Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 92Page - Advanced Micro Devices AM79C32A Datasheet HTML 93Page - Advanced Micro Devices AM79C32A Datasheet HTML 94Page - Advanced Micro Devices AM79C32A Datasheet HTML 95Page - Advanced Micro Devices AM79C32A Datasheet HTML 96Page - Advanced Micro Devices AM79C32A Datasheet HTML 97Page - Advanced Micro Devices AM79C32A Datasheet HTML 98Page - Advanced Micro Devices AM79C32A Datasheet HTML 99Page - Advanced Micro Devices AM79C32A Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 101 page
background image
96
Am79C30A/32A Data Sheet
APPENDIX B
KEY DESIGN HINTS
FOR THE DSC/IDC CIRCUIT
Due to the high level of integration of the Am79C30A/
32A DSC/IDC circuit, it is easy to overlook important
design information when reading the data sheet. The
following list of key design hints has been compiled to
streamline the design process. A comprehensive se-
ries of ISDN application notes and tutorials is available
from AMD; please contact an AMD sales office or fac-
tory for current information.
•
The AREF pint
must be used to bias the AINA and
AINB inputs. There is a datasheet parameter, Vios,
which states that the analog inputs must be biased
to within 5 mV of AREF. AREF is
nominally 2.4 V;
normal device-to-device variation will exceed the
5-mV Vios specification. If a voltage other than
AREF is used, transmission performance at very
low signal levels will be degraded.
•
The recommended method of biasing the AINA and
AINB inputs is to use a 15–100 Kohm resistor be-
tween the input and AREF. The signal source
should be AC-coupled to the analog input. Take
care that the RC formed by the biasing resistor and
blocking capacitor does not distort the input signal.
•
The AREF output must not be loaded with a capac-
itor since it may cause the internal buffer amplifier to
become unstable. For some applications involving
significant gain external to the DSC circuit, the
AREF output may require a simple RC noise filter.
In this case, the AREF output should be isolated
from the capacitor by a resistance of greater than 1
Kohm to ensure stability.
•
The analog gain selection value (in MMR3) should
be written before the MAP is enabled.
•
The MAP auto-zero function (MMR2) should be en-
abled before the MAP is enabled.
•
The DSC/IDC circuit should be provided with de-
coupling capacitors, situated as close as possible to
the package power leads. In general, 0.1-µF ce-
ramic capacitors are sufficient, but bulk decoupling
capacitors will be required if the LS1 and LS2 loud-
speaker outputs are driving a heavy load.
•
The DSC/IDC circuit is constructed on a single sub-
strate, and therefore the device power pins must not
be from separate supplies. If there is a DC offset be-
tween the analog and digital power-supply pins, ex-
cessive current m ay flow through the device
substrate.
•
The LS1, LS2, EAR1, and EAR2 outputs are in-
tended to be used differentially. Although it is possi-
ble to use only a single output, the rejection of
power-supply noise and internal digital noise is im-
proved if the outputs are used differentially.
•
Observe the maximum loading specification for the
Ls and EAR outputs. When used differentially, the
EAr outputs must see a minimum of 540 ohms be-
tween them. Similarly, the LS outputs must see a
minimum of 40 ohms. The maximum capacitive
loading in either case is 100 pF.
•
The LS and EAR outputs need not be matched to
the load. The LS and EAR outputs are voltage driv-
ers and do not assume the presence of any partic-
ular load impedance. If the maximum loading
specification is met, the LS and EAR outputs will
function satisfactorily. In some cases, an external
resistor may be used to center the desired output
volume—for instance, while driving a 150-ohm ear-
piece with the EAR outputs.
•
If using an EAR or LS output in a single-ended fash-
ion, AC-couple the pin to the load. If not, the exces-
sive DC current will cause signal distortion.
•
When using programmable gains and filters in the
MAP, consider the dynamic range effects such as
truncation error and clipping. In case of questions in
any particular application, please contact the AMD
applications staff for assistance.
•
All MAP tone generators are referenced with re-
spect to the +3-dBm0 overload voltage—that is, a
0-dB tone yields a +3-dBm0 output. Take care to
avoid clipping when adding tones to signals as, for
example, when generating DTMF waveforms.
•
The RC connected to CAP1/CAP2 must be situated
as close as possible to the DSC circuit package to
reduce the amount of noise coupled in from other
signal traces.
•
Observe the XTAL2 frequency accuracy require-
ment of 12.288 MHz ± 80 ppm. Since crystals from
different manufacturers will vary, the DSC circuit os-
cillator output frequency at the MCLK pin must be
measured and, if necessary, the value of the crystal
load capacitors should be adjusted as part of the ini-
tial design procedure. An application note of oscilla-
tor considerations is available from AMD (ISDN
Systems Engineering Application Note, order
#12557).
•
If driving the XTAL2 pin with the external oscillator,
it is necessary to observe the datasheet input volt-
age and rise/fall time requirements. Note that the
XTAL2 levels are not TTL-compatible.
•
Take care in board layout of the DSC circuit, as with
any sensitive analog device. An application note of
DSC circuit board layout hints is available from AMD
(ISDN Systems Engineering Application Note,
order #12557).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com