Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 30Page - Advanced Micro Devices AM79C32A Datasheet HTML 31Page - Advanced Micro Devices AM79C32A Datasheet HTML 32Page - Advanced Micro Devices AM79C32A Datasheet HTML 33Page - Advanced Micro Devices AM79C32A Datasheet HTML 34Page - Advanced Micro Devices AM79C32A Datasheet HTML 35Page - Advanced Micro Devices AM79C32A Datasheet HTML 36Page - Advanced Micro Devices AM79C32A Datasheet HTML 37Page - Advanced Micro Devices AM79C32A Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
34
Am79C30A/32A Data Sheet
Map Mode Register 3 — (MMR3) — Read/Write
Address Indirect 6CH
Secondary Tone Ringer Amplitude Register — (STRA) — Read/Write
Address = Indirect 6DH
Table 35.
Map Mode Register 3
Bit
Function
7
6
5
4
3
2
1
0
0
X
X
X
X
X
X
X
Bit 7 Reserved, must be written to 0
0
0
0
0
X
X
X
X
0-dB pre-amplifier gain, 1.250-V maximum peak input voltage
0
0
0
1
X
X
X
X
+6-dB pre-amplifier gain, 0.625-V maximum peak input voltage
0
0
1
0
X
X
X
X
+12-dB pre-amplifier gain, 0.312-V maximum peak input voltage
0
0
1
1
X
X
X
X
+18-dB pre-amplifier gain, 0.156-V maximum peak input voltage
0
1
0
0
X
X
X
X
+24-dB pre-amplifier gain, 0.078-V maximum peak input voltage
0
1
0
1
X
X
X
X
Reserved; undefined
0
1
1
0
X
X
X
X
Reserved; undefined
0
1
1
1
X
X
X
X
Reserved; undefined
0
X
X
X
1
X
X
X
MUTE ON, AINA and AINB inputs disabled
0
X
X
X
0
X
X
X
MUTE OFF, AINA or AINB enabled
0
X
X
X
X
1
X
X
Digital Loopback 2 enabled; D/A output looped to A/D input; EAR, LS, and AIN pin disabled
0
X
X
X
X
0
X
X
Digital Loopback 2 disabled
0
X
X
X
X
X
1
X
EAR and LS simultaneously enabled
0
X
X
X
X
X
0
X
EAR or LS enabled by MMR2 bit 1
0
X
X
X
X
X
X
1
Secondary Tone Ringer enabled
0
X
X
X
X
X
X
0
Secondary Tone Ringer disabled
Table 36.
Secondary Tone Ringer Amplitude
Bit
Peak-to-Peak
Output Voltage
Relative Output
Approximate Power
into 50 ohms
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Silent
0
0
0
1
0
0
0
0
Reserved
0
0
1
0
0
0
0
0
Reserved
0
0
1
1
0
0
0
0
Reserved
0
1
0
0
0
0
0
0
Reserved
0
1
0
1
0
0
0
0
Reserved
0
1
1
0
0
0
0
0
0.22 V
–27 dB
0.25 mW
0
1
1
1
0
0
0
0
0.31 V
–24 dB
0.5 mW
1
0
0
0
0
0
0
0
0.44 V
–21 dB
1.0 mW
1
0
0
1
0
0
0
0
0.62 V
–18 dB
2.0 mW
1
0
1
0
0
0
0
0
0.88 V
–15 dB
4.0 mW
1
0
1
1
0
0
0
0
1.25 V
–12 dB
8.0 mW
1
1
0
0
0
0
0
0
1.77 V
–9 dB
16.0 mW
1
1
0
1
0
0
0
0
2.50 V
–6 dB
31.25 mW
1
1
1
0
0
0
0
0
3.53 V
–3 dB
62.5 mW
1
1
1
1
0
0
0
0
5.00 V
0 dB
125.0 mW
X
X
X
X
0
0
0
0
Bits 0–3 Reserved;
must be written to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com