Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 93Page - Advanced Micro Devices AM79C32A Datasheet HTML 94Page - Advanced Micro Devices AM79C32A Datasheet HTML 95Page - Advanced Micro Devices AM79C32A Datasheet HTML 96Page - Advanced Micro Devices AM79C32A Datasheet HTML 97Page - Advanced Micro Devices AM79C32A Datasheet HTML 98Page - Advanced Micro Devices AM79C32A Datasheet HTML 99Page - Advanced Micro Devices AM79C32A Datasheet HTML 100Page - Advanced Micro Devices AM79C32A Datasheet HTML 101Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
Am79C30A/32A Data Sheet
97
•
The sidetone path defaults to –18-dB attenuation. If
disabling the sidetone path is desired, the sidetone
block must be enabled and programmed for infinite
attentuation.
•
Consider the LIU transformers, series resistors, and
IC LIU output drivers as a functional unit. Transform-
ers that meet CCITT I.430 requirements with other
transceivers are not necessarily appropriate for use
with the DSC circuit, and vice versa.
•
Interrupts should be masked when reading or writ-
ing any indirect or multibyte DSC circuit registers to
prevent the possibility of an interrupt occurring and
destroyed the contents of the Command Register.
•
If the MAP and secondary tone ringer are disabled,
the EAR, AREF, and LS outputs are high-imped-
ance. If the MAP is enabled, the unselected audio
output is high-impedance.
•
The MAP should not be enabled until after the LIU
has achieved synchronization. This will eliminate
the possibility of audible distortion when the internal
device timing is resynchronized to the S Interface.
•
To make optimum use of the MAP digital signal pro-
cessing chain, use digital gain (GX) for fine adjust-
ment, and analog gain (GA) for coarse adjustment.
•
The user must program the Secondary Tone Ringer
Frequency Register (STFR) with a legal value
be-
fore enabling the secondary tone ringer.
•
In order to exit Power-Down Mode due to LIU acti-
vation,
both the F7 interrupt and the DSC/IDC cir-
cuit interrupt pin must be enabled. In order to exit
Power-Down Mode due to IOM-2 activation,
both
the IOM -2 Ti ming Request interrupt and the
DSC/IDC circuit interrupt pin must be enabled.
•
The MAP auto-zero function must be enabled
prior
to enabling the MAP. For all normal applications, the
auto-zero function should always be enabled.
•
To ensure proper operation of the filters (X and R)
and gains (GX, GR, GER, STGR, and ATGR), these
register blocks should not be accessed more fre-
quently than 128-µs intervals. This allows the inter-
nal buffers to the map to operate properly, since
they are updated only once per frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com