Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 57Page - Advanced Micro Devices AM79C32A Datasheet HTML 58Page - Advanced Micro Devices AM79C32A Datasheet HTML 59Page - Advanced Micro Devices AM79C32A Datasheet HTML 60Page - Advanced Micro Devices AM79C32A Datasheet HTML 61Page - Advanced Micro Devices AM79C32A Datasheet HTML 62Page - Advanced Micro Devices AM79C32A Datasheet HTML 63Page - Advanced Micro Devices AM79C32A Datasheet HTML 64Page - Advanced Micro Devices AM79C32A Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
Am79C30A/32A Data Sheet
61
Peripheral Port Control Register 1 (PPCR1) — (continued)
Peripheral Port Status Register (PPSR)
Default = Bit 1 = 1, Bits 6–2 and 0 = 0, Bit 7 is Indeterminate
Address = Indirect C1 Hex, Read
The Peripheral Port Status Register presents various status conditions to the user, and is only used in the IOM-2
mode. Each of these conditions can generate an interrupt to the user. The interrupts are enabled via the Peripheral
Port Interrupt Enable Register. The state of the respective interrupt enable bits does not affect the setting of bits in
this register. Bits 6, 3, and 2 are cleared when this register is read. Bit 1 is cleared when the Data Register is written,
and bit 0 is cleared when the Data Register is read. In addition, bits 3, 2, 1, and 0 are cleared when the Monitor
channel is disabled (via bit 6 of the PPCR1 Register). Because bit 7 is reserved, the default value of this register is
either 02H or 82H.
Bit
Function
1–0
Port Mode Select Field—These two bits select the configuration of the Peripheral Port as follows.
Bit
Function
10
00
Port Disabled
0
1
SBP mode enabled
1
0
IOM-2 Slave mode enabled
1
1
IOM-2 Master mode enabled
When the port is disabled, SBOUT, SBIN, and all port-related clocks are placed in a high-impedance state.
When the DSC circuit is reset, this bit field is set to 01, and the port is not enabled until a MUX MCR register is written
to. If this bit is cleared prior to such a path being programmed, the port will remain disabled until the bit is set via a
software write operation.
7
654
32
10
RSRVD
IOM-2
TIME
RQST
CHNG
IN
C/I 1
DATA
CHNG
IN
C/I 0
DATA
MONTR
ABORT
RECVD
MONTR
EOM
RECVD
MONTR
XMIT
BUFFR
AVAIL
MONTR
RECV
DATA
AVAIL
Bit
Function
6
IOM-2 Timing Request—When the DSC circuit is the upstream device (master mode), this bit is set by hardware to
indicate that a downstream device has requested the starting of the IOM-2 clocks. The clocks are started by software.
This bit does not indicate the receipt of an activation request on the C/I channel. When the DSC circuit is the downstream
component (slave mode), this bit is set in response to SCLK starting (going High) when the bus is deactivated.
Notes:
1. The DSC circuit will not exit Power-Down mode in response to either a timing request or the clocks being started if
this interrupt is masked. It is essential that an interrupt be generated when the DSC circuit leaves Power-Down mode.
Otherwise, power consumption could increase significantly without the processor’s knowledge.
5
Change in C/I 1 Channel Status—This bit is set by hardware to indicate that the contents on the receive side of C/I
channel 1 have changed since the C/I Receive Data Register was last read.
4
Change in C/I 0 Channel Status—This bit is set by hardware to indicate that the contents on the receive side of C/I
channel 0have changed since the C/I Receive Data Register was last read.
3
Monitor Channel Abort Request Received—This bit is set by hardware to indicate that an abort request has been
received on the monitor channel. This indicates that the receiver on the other end of the Monitor channel has failed to
receive the transmitted data correctly and requests that the current transmission be discontinued and the data
transmission repeated via software.
2
Monitor Channel End-of-Message Indication Received—This bit is set by hardware to indicate that an abort request
has been received on the monitor channel. This indicates that the message currently being received has concluded.
1
Monitor Channel Transmit Buffer Available—This bit is set by hardware to indicate that a new byte of data can be
loaded into the Monitor Transmit Data Register.
0
Monitor Channel Receive Data Available—This bit is set by hardware to indicate that a byte of data has been received
on the monitor channel and is available in the Monitor Receive Data Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com