Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C32A Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 90Page - Advanced Micro Devices AM79C32A Datasheet HTML 91Page - Advanced Micro Devices AM79C32A Datasheet HTML 92Page - Advanced Micro Devices AM79C32A Datasheet HTML 93Page - Advanced Micro Devices AM79C32A Datasheet HTML 94Page - Advanced Micro Devices AM79C32A Datasheet HTML 95Page - Advanced Micro Devices AM79C32A Datasheet HTML 96Page - Advanced Micro Devices AM79C32A Datasheet HTML 97Page - Advanced Micro Devices AM79C32A Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
94
Am79C30A/32A Data Sheet
–2.2
4A
EE
1.9
FE
62
6.0
EE
05
–2.1
5B
BF
2.0
E2
F5
6.1
09
70
–2.0
47
AF
2.1
D2
F4
6.2
96
00
–1.9
6D
CB
2.2
E2
E4
6.3
09
50
–1.8
65
5A
2.3
F2
F4
6.4
FC
03
–1.7
6B
CE
2.4
24
7E
6.5
AC
01
–1.6
6B
DD
2.5
24
6F
6.6
DE
03
–1.5
5B
CF
2.6
D2
F3
6.7
BE
02
–1.4
5B
DD
2.7
E2
E3
6.8
AD
01
–1.3
6C
CD
2.8
C1
D7
6.9
AE
01
–1.2
B7
D6
2.9
C1
E7
7.0
FA
01
–1.1
67
BE
3.0
FC
71
7.1
CD
02
–1.0
66
BF
3.1
D1
D6
7.2
BB
01
–0.9
4E
EB
3.2
C1
F5
7.3
CE
02
–0.8
5D
DC
3.3
FD
61
7.4
DD
02
–0.7
5C
DE
3.4
D1
E5
7.5
DE
02
–0.6
5D
DD
3.5
16
6D
7.6
FD
02
–0.5
A1
A3
3.6
E1
F5
7.7
EE
02
–0.4
5D
DE
3.7
E2
F2
7.8
EF
02
–0.3
4E
EC
3.8
EE
41
7.9
E7
20
–0.2
EA
42
3.9
15
6F
8.0
F6
20
–0.1
90
E7
4.0
17
4F
8.1
E5
20
0.0
67
EF
4.1
16
4F
8.2
D4
20
0.1
90
F6
4.2
BB
04
8.3
20
E4
0.2
90
F5
4.3
E1
F3
8.4
F4
20
0.3
55
EE
4.4
FF
31
8.5
10
B6
0.4
D4
E5
4.5
09
13
8.6
B5
10
0.5
90
C3
4.6
BC
05
8.7
20
B2
0.6
ED
44
4.7
DB
06
8.8
E3
20
0.7
D4
F4
4.8
CB
04
8.9
11
F2
0.8
EE
44
4.9
FB
06
9.0
C7
10
0.9
D3
E5
5.0
CC
06
9.1
10
C6
1.0
E3
F6
5.1
BD
04
9.2
C5
10
1.1
D3
E4
5.2
AD
02
9.3
20
C2
1.2
D3
F4
5.3
AE
02
9.4
D6
10
1.3
EE
43
5.4
CC
04
9.5
10
90
9.6
10
F6
13.8
E0
20
15.6
0A
00
9.7
E5
10
13.9
E0
20
15.7
61
00
9.8
E2
20
12.2
00
E5
15.8
50
10
9.9
10
E4
12.3
00
D4
15.9
22
00
10.0
10
C3
12.4
00
E4
16.1
40
10
10.1
40
A0
12.5
00
C3
16.6
30
10
10.2
46
10
12.6
47
00
16.9
B0
00
Table 2.
Coefficients for GER Attenuators (Continued)
Gain
(dB)
Hex
Gain
(dB)
Hex
Gain
(dB)
Hex
MSB
LSB
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com