Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530H Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 21Page - Advanced Micro Devices AM8530H Datasheet HTML 22Page - Advanced Micro Devices AM8530H Datasheet HTML 23Page - Advanced Micro Devices AM8530H Datasheet HTML 24Page - Advanced Micro Devices AM8530H Datasheet HTML 25Page - Advanced Micro Devices AM8530H Datasheet HTML 26Page - Advanced Micro Devices AM8530H Datasheet HTML 27Page - Advanced Micro Devices AM8530H Datasheet HTML 28Page - Advanced Micro Devices AM8530H Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 194 page
background image
System Interface
AMD
2–7
A/
B, D/C
INTACK
CE
WR
Address Valid
Data Valid
D
0
- D
7
10216A-010A
Figure 2–2. SCC Write Cycle
PCLK
D0 – D7
RD
INTACK
IEI
IEO
INT
Vector
Figure 2–3. Interrupt Acknowledge Cycle
2.5
Am85C30 Enhancement Register Access
SDLC/HDLC enhancements on the Am85C30 are enabled or disabled via bits D2 and D0
in WR15. Bit D2 determines whether or not the 10x19-bit SDLC/HDLC frame status FIFO
is enabled while bit D0 determines whether or not other SDLC/HDLC mode enhance-
ments are enabled via WR7’. Table 2–3 shows what functions on the Am85C30 are en-
abled when these bits are set.
When bit D2 of WR15 is set to ‘1’, two additional registers (RR6 and RR7) per channel
specific to the 10x19-bit frame status FIFO are made available. The Am85C30 register
map when this function is enabled is shown in Table 2–4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com