Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530H Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 40Page - Advanced Micro Devices AM8530H Datasheet HTML 41Page - Advanced Micro Devices AM8530H Datasheet HTML 42Page - Advanced Micro Devices AM8530H Datasheet HTML 43Page - Advanced Micro Devices AM8530H Datasheet HTML 44Page - Advanced Micro Devices AM8530H Datasheet HTML 45Page - Advanced Micro Devices AM8530H Datasheet HTML 46Page - Advanced Micro Devices AM8530H Datasheet HTML 47Page - Advanced Micro Devices AM8530H Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 194 page
background image
I/O Programming Functional Description
AMD
3–13
3.8
EXTERNAL/STATUS INTERRUPTS
The External/Status Interrupts are globally enabled via WR1 and may be individually en-
abled via WR15 as shown below. The External/Status interrupt sources are: 1) Zero
Count, 2) DCD, 3) SYNC/HUNT, 4) CTS, 5) Tx Underrun/EOM, and 6) BREAK/ABORT.
D7
BREAK/
ABORT
IE
D6
Tx
Undr/
EOM IE
D5
CTS
IE
D4
SYNC/
HUNT
IE
D3
DCD
IE
D2
D1
Zero
Count
IE
D0
D7
D6
D5
D4
D3
D2
D1
D0
Ext/
Status
MIE
WR15 and WR1—Register Layout
The individual External/Status Interrupt enable bits in WR15 control whether or not
latches will be present in the path from the source of interrupt to the status bit in RR0. If
an individual enable bit in WR15 is set to ‘0’, the latches are not present in the signal path
and the value read in RR0 reflects the current status. An interrupt source whose individ-
ual enable bit in WR15 is set to ‘0’ is not a source of External/Status interrupts even
though the External/Status Master Interrupt Enable bit is set to ‘1’ in WR1 (D0). When an
individual enable bit in WR15 is set to ‘1’, the latch is present in the signal path.
The latches for the sources of External/Status interrupts are not independent. Rather,
they all close at the same time as a result of a state change by one of the sources of in-
terrupt. Thus, a read of RR0 returns the current status for any bits whose individual en-
able bit in WR15 is set to ‘0’, and either the current state or the latched state of the re-
mainder of the bits. To guarantee the current status, the processor should issue a Reset
External/Status Interrupts Command in WR0 to open the latches.
The External/Status IP in RR3 is set by the closing of the latches and remains set for as
long as they are closed. If the master External/Status Interrupt enable bit is not set, the IP
will never be set, even though the latches may be present in the signal paths and working
as described. Because the latches close on the current status but give no indication of
change, the processor must maintain a copy of RR0 in memory. When the SCC gener-
ates an External/Status interrupt, the processor should read RR0 and determine which
condition changed state and take the appropriate action. The copy of RR0 in memory
must then be updated and the Reset External/Status Interrupt Command issued.
Care must be taken in writing the interrupt service routine for the External/Status inter-
rupts because it is possible for more than one status condition to change state at the
same time. All of the latched bits in RR0 should be compared to the copy of RR0 in mem-
ory. If none have changed and the ZC interrupt is enabled, the Zero Count condition
caused the interrupt.
3.8.1
Sync/Hunt
The SYNC/HUNT status bit reports the Hunt state of the receiver in SDLC and Synchro-
nous modes. This bit is set to ‘1’ when the processor issues the Enter Hunt Command,
and is reset to ‘0’ when character synchronization is established by the receiver. If the
SYNC/HUNT IE bit in WR15 is set to ‘1’, the External/Status latches close, and an Exter-
nal/Status interrupt will be generated on both the Low-to-High and High-to-Low transitions
of the SYNC/HUNT status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com