Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530H Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 79Page - Advanced Micro Devices AM8530H Datasheet HTML 80Page - Advanced Micro Devices AM8530H Datasheet HTML 81Page - Advanced Micro Devices AM8530H Datasheet HTML 82Page - Advanced Micro Devices AM8530H Datasheet HTML 83Page - Advanced Micro Devices AM8530H Datasheet HTML 84Page - Advanced Micro Devices AM8530H Datasheet HTML 85Page - Advanced Micro Devices AM8530H Datasheet HTML 86Page - Advanced Micro Devices AM8530H Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–31
4.9.1.1
On-Loop Program Sequence
SDLC Loop mode is similar to SDLC mode except that two additional control bits are
used. They are the Loop mode bit (D1) and the Go Active on Poll bit (D4) in WR10. In
addition to these two extra control bits, there are also two status bits in RR10. They are
the On Loop bit (D1) and the Loop Sending bit (D4). Before Loop mode is selected, both
the receiver and transmitter must be completely initialized for SDLC operation. Once this
is done, Loop mode is selected by setting bit D1 of WR10 to ‘1’. At this point the SCC
connects TxD to RxD with only gate delays in the path. At the same time a flag is loaded
into the Transmit Shift register and is shifted to the end of the zero-bit inserter, ready for
transmission. The SCC will remain in this state until the Go Active On Poll bit (D4) in
WR10 is set to ‘1’. When this bit is set to ‘1’, the receiver begins looking for a sequence of
seven consecutive ‘1’s, indicating either an EOP or an idle line. When the receiver de-
tects this condition, the BREAK/ABORT status bit in RR0 is set to ‘1’ and a one-bit time
delay is inserted in the path from RxD to TxD. The On Loop bit in RR10 is also set to ‘1’
at this time, and the receiver enters Hunt Mode. The SCC cannot transmit on the loop
until a flag is received, causing the receiver to leave Hunt mode, and another EOP (bit
pattern ‘11111110’) is received. The SCC is now on the loop and capable of transmitting
on the loop. As soon as this status is recognized by the processor, the Go Active On Poll
bit in WR10 should be set to ‘1’ to prevent the SCC from transmitting on the loop without
the consent of the processor.
4.9.1.2
On-Loop Message Transmission
When a secondary station has a message to transmit and it recognizes an EOP on the
line, the first thing that it does is to change the last ‘1’ of the EOP pattern to a ‘0’ before
transmitting it. This turns the EOP into a Flag sequence. The secondary station now
places its message on the loop and terminates its message with an EOP. Any secondary
stations further down the loop with messages to transmit can then append its message to
the message of the first secondary station by the same process. All secondary stations
without messages to send merely echo the incoming messages and are prohibited from
placing messages on the loop, except upon recognizing an EOP.
4.9.1.3
On-Loop Transmit Message Programming Sequence
To transmit a message on the loop, the Go Active On Poll bit WR10 must be set to ‘1’.
Once this is done, the SCC will change the next received EOP into a Flag and begin
transmitting on the loop. At this point the processor may either write the first character to
the transmit buffer and wait for a transmit buffer empty condition or wait for the Break/
Abort and Hunt Status bits to be set to ‘1’ in RR0 and the Loop Sending bit to be set to ‘1’
in RR10 before writing the first data to the transmitter. Note that the Break/Abort and Hunt
bits in RR0 will be set to ‘1’ when the EOP is received. If the data is written immediately
after the Go Active On Poll bit has been set, the SCC will insert only one flag after the
EOP is changed into a flag. If the data is not written until after the receiver enters the
Hunt mode, flags will be transmitted until the data is written. If only one frame is to be
transmitted on the loop in response to an EOP, the processor must set the Go Active on
Poll bit to ‘0’ before the last data is written to the transmitter. In this case the transmitter
will close the frame with a single flag and then revert to the one-bit delay. The Loop Send-
ing bit in RR10 is set to ‘0’ when the closing Flag has been sent. If more than one frame
is to be transmitted, the Go Active On Poll bit should not be set to ‘0’ until the last frame is
being sent. If this bit is not set to ‘0’ before the end of a frame, the transmitter will send
Flags until either more data is written to the transmitter, or until the Go Active On Poll bit
is set to ‘0’. Note that the state of the Abort/Flag on Underrun and Mark/Flag idle bits in
WR10 are ignored by the SCC in SDLC Loop mode.
4.9.2
Going Off Loop
If SDLC Loop Mode is de-selected, the SCC is designed to exit from the loop gracefully.
When SDLC Loop mode is de-selected by writing to WR10, the SCC waits until the next
polling cycle to remove the on-bit time delay. If a polling cycle is in progress at the time
the command is written, the SCC finishes sending any message that it Figure 4–19.
Transmitter Disabling with NRZI Encoding may be transmitting, ends with an EOP, and
disconnects TxD from RxD. If no message was in progress, the SCC immediately discon-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com