| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 98 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 98 Page - Advanced Micro Devices |
|
98 / 194 page ![]() Support Circuitry Programming AMD 5–4 D7 D6 D5 D4 D3 D2 D1 D0 00 01 10 11 00 01 10 11 00 01 10 11 TRxC Out = XTAL Output TRxC Out = Transmit Clock TRxC Out = BR Generator Output TRxC Out = DPLL Output TRxC O/I Transmit Clock = RTxC Pin Transmit Clock = TRxC Pin Transmit Clock = BR Generator Output Transmit Clock = DPLL Output Receive Clock = RTxC Pin Receive Clock = TRxC Pin Receive Clock = BR Generator Output Receive Clock = DPLL Output RTxC X TAL/NO X TAL WR11—Clock Mode Control 5.2.2 Receive Clock Source The source of the receive clock is controlled by bits D6 and D5 of WR11. The receive clock may be programmed to come from the RTxC pin, the TRxC pin, the output of the baud rate generator, or the transmit output of the DPLL. 5.2.3 Transmit Clock Source The source of the transmit clock is controlled by bits D4 and D3 of WR11. The transmit clock may be programmed to come from the RTxC pin, the TRxC pin, the output of the baud rate generator, or the transmit output of the DPLL. Ordinarily the TRxC pin is an input, but it becomes an output if this pin is not selected as the source for the transmitter or the receiver, and bit D2 of WR11 is set to ‘1’. The selec- tion of the signal provided on the TRxC output pin is controlled by bits D1 and D0 of WR11. The TRxC pin may be programmed to provide the output of the crystal oscillator, the output of the BRG, the receive output of the DPLL or the actual transmit clock. If the output of the crystal oscillator is selected but the crystal oscillator has not been enabled, the TRxC pin will be driven High. The option of placing the transmit clock signal on the TRxC pin, when it is an output, allows access to the transmit output of the DPLL. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |