| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 60 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 60 Page - Advanced Micro Devices |
|
60 / 194 page ![]() Data Communication Modes Functional Description AMD 4–8 D1 D0 P D4 D3 D2 D1 D0 Figure 4–6. Five Bits/Character with Parity The character length may be changed at any time before the new number of bits have been assembled by the receiver. Care should be exercised, however, as unexpected re- sults may occur if not properly timed. A representative example of switching from five bits to eight bits and back to five bits is shown in Figure 4–7. 87 65 43 21 13 12 11 10 9 8 7 6 21 20 19 18 17 16 15 14 29 28 27 26 25 24 23 22 34 33 32 31 30 29 28 27 39 38 37 36 35 34 32 31 5 BITS 8 BITS 8 BITS 5 BITS 5 BITS RECEIVE DATA BUFFER Time Change From Five to Eight Change From Eight to Five Figure 4–7. Changing Character Length 4.4.2 Rx Parity In all modes of operation bit D0 (Parity Enable) of WR4 determines whether a Parity check is done. If this bit is set to ‘1’, the receiver calculates a parity check on every char- acter received, as selected by bit D1 (Parity Even/Odd) of WR4, and compares it with parity check bit transmitted. If a discrepancy is found the Parity Error status bit in the Re- ceive Error FIFO is set at the same time that the character is transferred to the Receive Data FIFO; otherwise, the character received will be assumed to be error free. The additional bit per character will be visible in the Receive Data FIFO if the data plus parity is eight bits or less. The parity bit will not be visible when there are eight data bits per character. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |