| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 36 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 36 Page - Advanced Micro Devices |
|
36 / 194 page ![]() I/O Programming Functional Description AMD 3–5 D7 W/DMA REQ Enable D6 W/DMA REQ Funct. D5 W/DMA REQ on Rx/Tx D4 D3 D2 Parity INT Enable D1 Tx INT Enable D0 Ext/Sta INT Enable 0 0 1 1 0 1 0 1 — Rx INT Disable — Rx INT on 1st Char. or Special Condition — INT on All Rx Char. or Special Condition — Rx INT on Special Only WR1—Interrupt Source IE 3.4.2 Interrupt Pending Bit The Interrupt Pending (IP) bit for a given source of interrupt may be set by the presence of an interrupt condition in the SCC and is reset directly by the processor, or indirectly by some action that the processor may take. If the corresponding IE bit is not set, the IP for that source of interrupt will never be set. The IP bits in the SCC are read-only via RR3 as shown above. D7 0 D6 0 D5 Ch. A Rx IP D4 Ch. A Tx IP D3 Ch. A Ext/Sta IP D2 Ch. B Rx IP D1 Ch. B Tx IP D0 Ch. B Ext/Sta IP RR3—Interrupt Pending 3.4.3 Interrupt Under Service Bit The Interrupt Under Service (IUS) bits are not observable by the processor. An IUS bit is set during an Interrupt Acknowledge cycle for the highest-priority IP. The IUS bit is used to control the operation of internal and external daisy chain interrupts. The internal daisy chain links the six sources of interrupt in a fixed order, chaining the IUS bits for each source. While an internal IUS bit is set, all lower-priority interrupt requests are masked off; during an Interrupt Acknowledge cycle the IP bits are also gated into the daisy chain. This insures that the highest-priority IP selected will have its IUS bit set. At the end of an interrupt service routine, the processor must issue a Reset Highest IUS Command in WR0 to re-enable lower-priority interrupts. This is the only way, short of a software or hardware reset, that an IUS bit may be reset. 3.4.4 Disable Lower Chain Bit The Disable Lower Chain (DLC) bit in WR9 (D2) is used to disable all SCCs in a lower position on the external daisy chain. If this bit is set to ‘1’, the IEO pin is driven Low and prevents lower-priority devices from generating an interrupt request. Note that the IUS bit, when set, will have the same effect but is not controllable through software, and the point where lower-priority interrupts are masked off may not correspond to the chip boundary. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |