| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 68 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 68 Page - Advanced Micro Devices |
|
68 / 194 page ![]() Data Communication Modes Functional Description AMD 4–16 SCC Status Reg (Existing) 14-Bit Byte Counter Residue Bits(3) Overrun CRC Error 14 Bits 6 Bits 10 x 19-Bit FIFO Array 5 Bits EOF = 1 EN 6 Bits RR1 2 Bits Interface to SCC 6-Bit MUX Bit 7 Bit 6 6 Bits Bits 0-5 RR7 RR6 8 Bits Byte Counter Contains 14 Bits for a 16-Kbyte Maximum Count FIFO Data Available Status Bit Status Bit Set to 1 When Reading From FIFO FIFO Overflow Status Bit MSB of RR(7) is Set on Status FIFO Overflow In SDLC Mode the Following Definitions Apply • All Sent Bypasses MUX and Equals Contents of SCC Status Register • Parity Bits Bypasses MUX and Does the Same • EOF is Set to 1 Whenever Reading from the FIFO Reset on Flag Detect Increment on Byte DET Enable Count in SDLC Tail Pointer 4-Bit Counter Head Pointer 4-Bit Counter 4-Bit Comparator Over Equal WR(15) Bit 2 Set Enables Status FIFO FIFO Enable End of Frame Signal Status Read Comp RR1 Figure 4–12. 10x19-Bit Frame Status FIFO When this FIFO is enabled, RR6 accommodates the LSB byte count from the 14-bit byte counter and RR7 accommodates the MSB byte count along with FIFO availability and Overflow status. Figure 4–13 shows the details of these registers including WR15. If frame status is to be acquired from the 10x19-bit FIFO, it must be enabled and not empty, and the registers must be read in the following order: RR7, RR6, and RR1 (read- ing RR6 is optional). Accessing RR7 latches the FIFO Empty/Full status bit (D6 of RR7) and steers the status multiplexer to read from the 10x19-bit FIFO array instead of from the 8-bit Status FIFO. Reading RR1 immediately after RR7 causes one location of the FIFO to be emptied, so status should be read after reading the byte count; otherwise, the count will be incorrect. If the FIFO goes empty when RR1 is read, the FIFO is disabled and the next read of RR1 will be directly from the 8-bit status FIFO, and reads from RR7 and RR6 will contain bits that are undefined. To determine if status data is coming from the 10x19-bit FIFO or di- rectly from the status register the user should check bit D6 of RR7. If this bit is set to ‘1’ the FIFO is not empty; if set to ‘0’ the FIFO is empty. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |