| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 92 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 92 Page - Advanced Micro Devices |
|
92 / 194 page ![]() Data Communication Modes Functional Description AMD 4–40 Beyond this point the receiver and transmitter are again completely independent, except that the character boundaries are now aligned. This is shown in Figure 4–25. There are several restrictions on the use of this feature. First, it will work only with 6-bit, 8-bit or 16-bit sync characters, and the data character length for both the receiver and the transmitter must be six bits with a 6-bit sync character or eight bits with an 8-bit or 16-bit sync character. Of course, the receive and transmit clocks must have the same rate as well as the proper phase relationship. A specific sequence of operations must be followed to synchronize the transmitter to the receiver. Both the receiver and transmitter must have been initialized for operation in Syn- chronous mode sometime in the past, although this initialization need not be redone each time the transmitter is synchronized to receiver. The transmitter is disabled by setting bit D3 of WR5 to ‘0’. At this point the transmitter will send continous ‘1’s. If it is desired that continous ‘0’s be transmitted, the Send Break bit (D4) in WR5 should be set to ‘1’. The transmitter is now idling but must still be placed in the Transmitter to Receiver Synchroni- zation mode. This is accomplished by setting the Loop Mode bit (D1) in WR10 and then enabling the transmitter by setting bit D3 of WR5 to ‘1’. At this point the processor should set the Go Active On Poll bit (D4) in WR10. The final step is to force the receiver to search for sync characters. If the receiver is currently disabled the receiver will enter Hunt mode when it is enabled by setting bit D0 of WR3 to ‘1’. If the receiver is already enabled it may be placed in Hunt mode by setting bit D4 of WR3 to ‘1’. Once the receiver leaves hunt mode the transmitter is activated on the following character boundary. 4.10.2.4.1 Transmitter Disabling In Synchronous modes, if the transmitter is disabled during transmission of a character, that character will be completely sent before mark idling the line. This applies to both data and sync characters. However, if the transmitter is disabled during the transmission of CRC, CRC transmission will be terminated and the remaining bits will be from WR6 and/ or WR7 (sync registers) before mark idling the line. 4.10.2.5 External SYNC Mode For those applications that may want to use external logic for receiver sychronization, the SCC makes provisions for an external circuit to signal character synchronization on the SYNC pin. This mode expects the SYNC pin to be available for use; this means that bit D7 of WR11 should be set to ‘0’. The External SYNC message format is shown in Figure 4–26. In this mode, the SYNC/HUNT status bit in RR0 reports the state of the SYNC pin but the receiver must be placed in Hunt mode when the external logic is searching for a sync character match. When the receiver is in Hunt mode and the SYNC pin is driven Low, two receive clocks after the last bit of the sync character is received, character assembly will begin on the rising edge of the receive clock immediately following the activation of SYNC. This is shown in Figure 4–27. Both transitions on the SYNC pin will cause an Ex- ternal/Status interrupt if the SYNC/HUNT IE bit is set to ‘1’. SYNC SYNC SYNC SYNC RxD TxD Direction of Message Flow Receiver Leaves Hunt Figure 4–25. Transmitter to Receiver Synchronization |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |