Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530H Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 89Page - Advanced Micro Devices AM8530H Datasheet HTML 90Page - Advanced Micro Devices AM8530H Datasheet HTML 91Page - Advanced Micro Devices AM8530H Datasheet HTML 92Page - Advanced Micro Devices AM8530H Datasheet HTML 93Page - Advanced Micro Devices AM8530H Datasheet HTML 94Page - Advanced Micro Devices AM8530H Datasheet HTML 95Page - Advanced Micro Devices AM8530H Datasheet HTML 96Page - Advanced Micro Devices AM8530H Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–41
DATA
DATA
CRC1
CRC2
EXTERNAL SYNC
SIGNAL
Figure 4–26. External SYNC Message Format
The
SYNC input falling edge (synchronized through some internal circuitry) essentially
removes the Receiver from “Hunt Mode” in which it is waiting for synchronization before
accepting Receive Data. Upon exiting “Hunt Mode”, the Receiver will begin accepting all
incoming Receive Data. To cause the Am85C30 to discontinue accepting data (i.e. notify
the Am85C30 that there is an end of frame), the “Enter Hunt Mode” command must be
issued. The SYNC line should remain low for at least the TwSY (SYNC* Pulse Width)
specification value, and may be kept low for a longer duration of time if desired.
4.10.2.5.1
SDLC External SYNC Mode
By programming WR4 as shown below both the receiver and transmitter will be placed in
SDLC mode. The only variation from normal SDLC operation will be that the
SYNC pin
will be used to start or stop the reception of a frame by forcing the receiver to act as
though a flag had been received.
11
11
00
??
D7
D6 D5
D4 D3
D2 D1
D0
WR4—Register Layout
4.10.2.5.2
Synchronous External SYNC Mode
By programming WR4 as shown below the transmitter will be configured for MONOSYNC
operation and the
SYNC pin will be used to start the reception of a message.
D7
?
D6
?
D5
1
D4
1
D3
0
D2
0
D1
?
D0
?
0
0
programming either of these bit
patterns specifies that only the
SYNC
pin can be used for character sync
either the
SYNC pin or a match with
the character stored in WR7 will signal
character sync
1
0
1
0
WR4—Register Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com