| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 103 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 103 Page - Advanced Micro Devices |
|
103 / 194 page ![]() Support Circuitry Programming AMD 5–9 5.3.3 BRG Initialization Initializing the BRG is done in four steps. First, the time-constant is determined and loaded into WR12 and WR13. Next, the processor must select the clock source for the BRG by writing to bit D1 of WR14. Finally, the BRG is enabled by setting bit D0 of WR14 to ‘1’. Note that the first write to WR14 is not necessary after a hardware reset if the clock source is to be the RTxC pin. This is because a hardware reset automatically selects the RTxC pin as the BRG clock source. 5.4 DATA ENCODING/DECODING The SCC provides four data encoding methods, selected by bits D6 and D5 in WR10. An example of these four methods is shown in Figure 5–4. Encoding may be used for asyn- chronous or synchronous data as long as the clock mode is x1. Note that the data encod- ing method selected is active even though the transmitter or receiver may be idling or dis- abled. 11 001 0 Data NRZ NRZI FM1 (BiPhase Mark) FM0 (BiPhase Space) Bit Cell Level: High = 1 Low = 0 No Change = 1 Change = 0 Bit Center Transition: Transition = 1 No Transition = 0 Manchester No Transition = 1 Transition = 0 High →Low = 1 Low →High = 0 Figure 5–4. Data Encoding 5.4.1 NRZ (Non-Return to Zero) In NRZ encoding a ‘1’ is represented by a High level and a ‘0’ is represented by a Low level. In this encoding method only a minimal amount of clocking information is available in the data stream in the form of transitions on bit-cell boundaries. In an arbitrary data pattern this may not be sufficient to generate a clock for the data from the data itself. 5.4.2 NRZI (Non-Return to Zero Inverted) In NRZI encoding a ‘1’ is represented by no change in the level and a ‘0’ is represented by a change in the level. As in NRZ only a minimal amount of clocking information is available in the data stream, in the form of transitions on bit cell boundaries. In an arbi- trary data pattern this may not be sufficient to generate a clock for the data from the data itself. In the case of SDLC Mode operation, where the number of consecutive ‘1’s in the data stream is limited, a minimum number of transitions to generate a clock are guar- anteed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |