| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 110 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 110 Page - Advanced Micro Devices |
|
110 / 194 page ![]() Support Circuitry Programming AMD 5–16 5.6.1 Local Loopback Local loopback is selected when bit D4 of WR14 is set to ‘1’. In this mode the output of the transmitter is internally connected to the input of the receiver. At the same time the TxD pin remains connected to the transmitter. In this mode the DCD pin is ignored as a receiver enable and the CTS pin is ignored as a transmitter enable even if the Auto En- ables mode has been selected. Note that the DPLL input is connected to the RxD pin, not to the input of the receiver. This precludes the use of the DPLL in Local Loopback. Local Loopback is shown schematically in Figure 5–10. 5.6.2 Auto Echo Auto Echo is selected when bit D3 of WR14 is set to ‘1’. In this mode the TxD pin is con- nected directly to the RxD pin, and the receiver input is connected to the RxD pin. In this mode the CTS pin is ignored as a transmitter enable and the output of the transmitter does not connect to anything. If both the Local Loopback and Auto Echo bits are set to ‘1’, the Auto Echo mode will be selected, but both the CTS pin and the DCD pin will be ignored as auto enables. This, however, should not be considered a normal operating mode. Auto Echo is shown schematically in Figure 5–11. Receiver Transmitter TX Enable RX Enable DCD CTS RxD TxD N.C. Local Loopback Figure 5–10. Local Loopback Receiver Transmitter TX Enable RX Enable DCD CTS RxD TxD Auto Echo N.C. Figure 5–11. Auto Echo |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |