| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 155 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 155 Page - Advanced Micro Devices |
|
155 / 194 page ![]() SCC Application Notes AMD 7–6 Table 7–2. SCC Initialization Order Part 1. Modes and Constants WR9 1100000 Hardware Reset WR4 XXXXXXXX Tx/Rx con, Aysnc or Sync Mode WR1 0XX00X00 Select W/REQ (opt) WR2 XXXXXXXX Program Interrupt Vector (opt) WR3 XXXXXXX0 Select Rx Control WR5 XXXX0XXX Select Tx Control WR6 XXXXXXXX Program sync character (opt) WR7 XXXXXXXX Program sync character (opt) WR9 000X0XXX Select Interrupt Control WR10 XXXXXXXX Miscellaneous Control (opt) WR11 XXXXXXXX Clock Control WR12 XXXXXXXX Time constant lower byte (opt) WR13 XXXXXXXX Time constant upper byte (opt) WR14 XXXXXXX0 Miscellaneous Control WR14 XXXSSSSSCommands (opt) Part 2. Enables WR14 000SSSS1 Baud Rate Enable WR3 SSSSSSS1 Rx Enable WR5 SSSS1SSS Tx Enable WR0 10000000 Reset Tx CRG (opt) WR1 XSS00S00 DMA Enable (opt) Part 3. Interrupt Status WR15 XXXXXXXX Enable External/Status WR0 00010000 Reset External Status WR0 00010000 Reset External Status twice WR1 SSSXXSXX Enable Rx, Tx and Ext/Status WR9 000SXSSS Enable Master Interrupt Enable 1 = Set to one X = User defined 0 = Reset to zero S = Same as previously prog. 7.1.1.3 Initialization Table Generation Table 7–1 as shown previously, is a worksheet for the initialization of the SCC. All the bits that must be programmed as either a ‘0’ or a ‘1’ are already filled in; the remaining bits are left blank and are to be programmed by the user according to the desired mode of operation. The binary value can then be converted to a hexadecimal number and placed in the table, following the Write register notation in the column labeled “HEX.” A Program Initialization Table is produced when this worksheet is completed. 7.1.1.4 Reset Conditions Prior to initialization, the SCC should be reset by either hardware or software. A hardware reset can be accomplished by simultaneously grounding RD and WR. A software reset can be executed by writing a C0H to Write Register 9. After one channel has been initial- ized, a channel reset should be used in place of the hardware reset in the initialization. The state of the SCC registers, after reset, is shown in Table 7–3. Before writing to the SCC, a read should be performed to guarantee the internal logic is pointing to Register 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |