| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 161 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 161 Page - Advanced Micro Devices |
|
161 / 194 page ![]() SCC Application Notes AMD 7–12 Table 7–6. SCC Initialization Order for Interrupt Driven Asynchronous Mode Register Value Comments WR9 C0H Force Hardware Reset WR4 4CH x 16 clock, 2 stop bits, no parity WR2 00H Interrupt Vector 00 WR3 C0H Rx 8 bits, Rx disabled WR5 60H Tx 8 bits, DTR, RTS, Tx off WR9 00H Int Disabled WR10 00H NRZ WR11 56H Tx & Rx = BRG out, TRxC = BRG out WR12 06H Time constant = 6 WR13 00H Time constant high = 0 WR14 10H BRG in = RTxC, BRG of, loopback Enables WR14 11H BRG enable WR3 C1H Rx enable WR5 68H Tx enable Enable Interrupts WR1 12H Rx Int on all char and Tx Int enables WR9 08H MIE 7.3.3.1 SCC Operating Modes Programming WR9 resets SCC to a known state by writing a C0 hex. This command, Force Hardware Reset, is identical to a hardware reset. It will reset both channels. WR4 selects asynchronous mode, x16 mode, 2 stop bits and no parity. The x16 mode means that the clock rate is 16 times the data rate. WR2 is the interrupt vector of the SCC. Even though a vector is not placed in the bus in this mode the vector including status is read from RR2. By writing 00H to this register the status read will be the only bits set in RR2. WR3 selects 8 bits per character and does not enable the receiver. The 8 bits per charac- ter allows 8 bits to be assembled from the data stream. The receiver is not enabled at this time because the SCC is not completely initialized. WR5 selects 8 bits per character and does not enable the transmitter. The 8 bits per char- acter allows 8 bits to be sent as data with the least significant bit first. The transmitter is not enabled at this time because the SCC is not completely initialized. WR9 selects that there are no interrupts enabled. This will inhibit the SCC from request- ing an interrupt from the CPU. WR10 selects NRZ encoding. This selects NRZ coding that is to be used on the transmit- ter and the receiver. WR11 selects the RTxC pin to TTL clock, the transmit and receive clocks source as the baud-rate generator and the TRxC pin as a baud-rate generator output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |