| Electronic Components Datasheet Search |
|
AM8530H Datasheet(PDF) 172 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H Datasheet(HTML) 172 Page - Advanced Micro Devices |
|
172 / 194 page ![]() SCC Application Notes AMD 7–23 7.5.3 The 68000 and Am8530H with Interrupts The following description addresses the problems of interfacing the 68000 and Am8530H with interrupts. The circuit configuration is basically the same as the design without inter- rupts. The 74LS148 and the two 74LS138s assume there are other interrupting devices which are not compatible with the interrupt daisy chain of the Am8530H. The 74LS148 and one of the 74LS138 can be eliminated if this is not the case. The first 74LS138 acts as a status decoder; it is gated with AS to de-glitch the outputs. The second 74LS138 decodes the Interrupt Acknowledge priority level, allowing a two- dimensional priority scheme. Daisy chain can be used to resolve priority at any given pri- ority level while the CPU resolves priority between levels. The 74LS164 is added to generate the correct timing during an Interrupt Acknowledge cycle. It allows 5 CPU clocks for the daisy chain to settle before it generates RD to put the vector onto the bus. The daisy chain is implemented by using the IEI, IEO pins (not shown in Figure 7–12) on the 8500 peripherals. The time allowed for the daisy chain to settle is a function of the number of devices in the chain; thus the allowance of 5 clocks used here is arbitrary. The 74LS164 also generates DTACK. A block diagram of this inter- face is shown in Figure 7–15. Timing diagram is followed in Figure 7–13. It is more straightforward to use the Am9519A Interrupt Controller instead of the on-chip interrupt features. However, this approach does not allow the programmer to take advantage of some of the Am8530H time-saving features. S 0 S 1 S2 S 3 S4 S W S W SW S W SW SW SW SW SW S W S6 S 7 S 0 S W T1 T2 TW TW TW TW TW T3 T4 AS FC0–FC02 IACK DTACK RD DATA IN A1 - A3 READ DATA Figure 7–13. Am8530H to 68000 Interrupt Acknowledge Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |