Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Figure 8. Distance from lens reference plane to surface, Z
Sensor
Lens
Navigation Surface
Lens to Surface 2.40
Optical/Electrical Characteristics (at Tc = 5°C to 45°C):
VCSEL Die Source Marking
V = A,V
V = C
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Notes
Peak Wavelength
λ
832
865
832
865
nm
Maximum Radiant
Power
LOPmax
4.5
4.0
mW
Maximum output power
under any condition. This
is not a recommended
operating condition and
does not meet eye safety
requirements.
Wavelength
Temperature coef-
ficient
dλ/dT
0.065
0.065
nm/ºC
Wavelength
Current coefficient
dλ/dI
0.21
0.3
nm/mA
Beam Divergence
θFW@1/
e^2
15
16
deg
Threshold current
Ith
4.2
3.0
mA
Slope Efficiency
SE
0.4
0.35
W/A
Forward Voltage
VF
2.1
2.4
2.1
2.4
V
At 500uW output power
Comments:
1. VCSELs are sorted into bins as specified in the power adjustment procedure. Appropriate binning register data values are used in the application
circuit to achieve the target output power. The VCSEL binning is marked on the integrated molded lead-frame DIP sensor package.
2. When driven with current or temperature range greater than specified in the power adjustment procedure section, eye safety limits may be
exceeded. The VCSEL should then be treated as a Class IIIb laser and as a potential eye hazard.
3. Over driving beyond LOPmax limit will cause the VSCEL to enter into on unstable region. Any LOP reference point in the laser power calibration
process.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com